Part Name
         Description
PQ48020HMA30

 30 Amp, No Heatsink, Isolated DC/DC Converter ( 14 Page)


SYNQOR
100% 
Zoom Out Zoom In
 
 2 page
background image
Product # PQ48020HMA30
Phone 1-888-567-9596
Doc.# 005-2HM420B Rev. C
4/9/03
Page 2
Half
Half
Brick
Brick
Technical Specification
48Vin 2.0Vout 30A
0.19
(4.8)
1.90
(48.3)
2.30
(58.4)
0.50
(12.7)
0.400
(10.16)
0.300 (7.62)
0.200 (5.08)
0.200 (5.08)
Load Board
Bottom side
Clearance
See Note 10
Max. Height
Lowest
Component
1.400
(35.56)
1.000
(25.40)
2.40
(61.0)
0.400
(10.16)
1.000
(25.40)
1.400
(35.56)
0.700
(17.78)
0.40
(10.2)
0.034+/-0.026
(0.86+/-0.66)
Top View
Side View
Pin No. Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTL input to turn converter
on and off, referenced to
Vin(-), with internal pull up.
3
I share
Single wire parallel signal
4
Vin(-)
Negative input voltage
5
Vout(-)
Negative output voltage
6
SENSE(-)
Return remote sense
7
TRIM
Output voltage trim
8
SENSE(+)
Positive remote sense
9
Vout(+)
Positive output voltage
A
Clock Sync
Clock synchronization
B
Start Sync
Startup synchronization
C
OR Drive
External OR-FET drive
Pins in Italics Shaded text are Optional
0.145
(3.68)
See Note 4
NOTES
1) Pins 1-4, 6-8, A-C are 0.040” (1.02mm) diameter. with
0.080” (2.03mm) diameter standoff shoulders.
2) Pins 5 and 9 are 0.080” (2.03 mm) diameter with
0.125” (3.18mm) diameter standoff shoulders.
3) Pins 3, A, B & C only included in Full-Feature models.
4) Other pin extension lengths available. Recommended pin
length is 0.03” (0.76mm) greater than the PCB thickness.
5) All Pins: Material - Copper Alloy
Finish - Tin/Lead over Nickel plate
6) Undimensioned components are shown for visual
reference only.
7) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
8) Weight: 1.9 oz. (54g) typical
9) Workmanship: Meets or exceeds IPC-A-610C Class II
10) UL/TUV standards require a clearance greater than 0.04”
(1.02mm) between input and output for Basic insulation. This
issue should be considered if any copper traces are on the top
side of the user’s board. Note that the ferrite cores are consid-
ered part of the input/primary circuit.
MECHANICAL
DIAGRAM
PIN CONNECTIONS



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PQ48020HGA4040 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48020HKA2020 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ24018QGA2525 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48015HGA4040 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48015HKA2020 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48015HMA3030 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48015HTA6060 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48015QGA2525 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48018HGA4040 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48018HKA2020 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl