Part Name
         Description
PQ48020HGA40

 40 Amp, No Heatsink, Isolated DC/DC Converter ( 14 Page)


SYNQOR
100% 
Zoom Out Zoom In
 
 5 page
background image
Product # PQ48020HGA40
Phone 1-888-567-9596
Doc.# 005-2HG420C Rev. C
12/17/02
Page 5
Half
Half
Brick
Brick
Performance Curves
48Vin 2.0Vout 40A
60
65
70
75
80
85
90
95
100
0
4
8
12
162024
2832
3640
Load Current (A)
36 Vin
48 Vin
75 Vin
Figure 1: Efficiency at nominal output voltage vs. load current for min-
imum, nominal, and maximum input voltage at 25°C.
82
83
84
85
86
87
88
89
90
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Figure 2: Efficiency at nominal output voltage and 60% rated power vs.
airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C
(nominal input voltage).
0
2
4
6
8
10
12
14
16
0
4
8
1216
2024
2832
3640
Load Current (A)
36 Vin
48 Vin
75 Vin
Figure 3: Power dissipation at nominal output voltage vs. load current
for minimum, nominal, and maximum input voltage at 25°C.
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Figure 4: Power dissipation at nominal output voltage and 60% rated
power vs. airflow rate for ambient air temperatures of 25°C, 40°C, and
55°C (nominal input voltage).
0
5
10
15
20
25
30
35
40
0
2540
5570
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0 LFM (0 m/s)
Figure 5: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 0 LFM through 400 LFM with air flowing
from output to input (nominal input voltage).
Figure 6: Thermal plot of converter at 40 amp load current with 55°C
air flowing at the rate of 200 LFM. Air is flowing across the converter
from output to input (nominal input voltage).



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PQ24018QGA2525 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48015HGA4040 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48015HKA2020 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48015HMA3030 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48015HTA6060 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48015QGA2525 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48018HGA4040 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48018HKA2020 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48018HMA3030 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48018HTA6060 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl