Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ48015QNA25PRS Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # PQ48015QNA25PRS
Description  High Efficiency, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ48015QNA25PRS Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  PQ48015QNA25PRS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ48015QNA25PRS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ48015QNA25PRS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ48015QNA25PRS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ48015QNA25PRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ48015QNA25PRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ48015QNA25PRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ48015QNA25PRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ48015QNA25PRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Product # PQ48015QNA25
Phone 1-888-567-9596
Doc.# 005-2QN451D_C
9/4/01
Page 4
Performance Curves
48Vin 1.5Vout 25A
Quarter
Quarter
Brick
Brick
80
81
82
83
84
85
86
87
88
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
60
65
70
75
80
85
90
0
3
5
8
10
13
15
18
20
23
25
Load Current (A)
36 Vin
48 Vin
75 Vin
Figure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C.
Figure 2: Efficiency at 60% rated power vs. airflow rate for ambient
air temperatures of 25°C, 40°C, and 55°C and nominal input voltage.
0
1
2
3
4
5
6
7
8
9
10
0
3
5
8
10
13
15
18
20
23
25
Load Current (A)
36 Vin
48 Vin
75 Vin
Figure 3: Power dissipation vs. load current for minimum, nominal,
and maximum input voltage at 25°C.
Figure 4: Power dissipation at 60% rated power vs. airflow rate for
ambient air temperatures of 25°C, 40°C, and 55°C and nominal input
voltage.
0
5
10
15
20
25
0
25
4055
7085
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0 LFM (0 m/s)
Figure 5: Maximum output power-derating curves vs. ambient air tem-
perature for airflow rates of 0 LFM through 400 LFM with air flowing
across the converter from pin 3 to pin 1 (nominal input voltage).
Figure 6: Thermal plot of converter at 25 amp load current with 55°C
air flowing at the rate of 200 LFM. Air is flowing across the converter
sideways from pin 3 to pin 1 (nominal input voltage).
Vin = 48V
Semiconductor junction temperature is
within 2
°C of surface temperature
Vin = 48V
Vin = 48V


Similar Part No. - PQ48015QNA25PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48015QGA25 SYNQOR-PQ48015QGA25 Datasheet
1Mb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48015QGA25NKS SYNQOR-PQ48015QGA25NKS Datasheet
1Mb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48015QGA25NKS SYNQOR-PQ48015QGA25NKS Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48015QGA25NNS SYNQOR-PQ48015QGA25NNS Datasheet
1Mb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48015QGA25NNS SYNQOR-PQ48015QGA25NNS Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ48015QNA25PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48018QNA25 SYNQOR-PQ48018QNA25 Datasheet
724Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HGA40 SYNQOR-PQ48025HGA40 Datasheet
833Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HMA30 SYNQOR-PQ48025HMA30 Datasheet
785Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
PQ48120HGA12 SYNQOR-PQ48120HGA12 Datasheet
728Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ60033HGA40 SYNQOR-PQ60033HGA40 Datasheet
827Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ60033HTA50 SYNQOR-PQ60033HTA50 Datasheet
806Kb / 14P
   50 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050EML10 SYNQOR-PQ60050EML10 Datasheet
753Kb / 13P
   10 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com