Part Name
         Description
PQ48018HTA60

 60 Amp, No Heatsink, Isolated DC/DC Converter ( 14 Page)


SYNQOR
100% 
Zoom Out Zoom In
 
 3 page
background image
Product # PQ48018HTA60
Phone 1-888-567-9596
Doc.# 005-2HT418F Rev. O
11/20/02
Page 3
Half
Half
Brick
Brick
Technical Specification
48Vin 1.8Vout 60A
Parameter
Min.
Typ.
Max.
Units
Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
100
V
continuous
Operating
80
V
continuous
Operating Transient Protection
100
V
< 10µs
Isolation Voltage (input to output)
2000
V
Basic insulation level, Pollution degree 2
Operating Temperature
-40
100
°C
Storage Temperature
-55
125
°C
Voltage at ON/OFF input pin
-2
18
V
Voltage at Clock Sync pin
-15
18
V
applies to Full Feature option only
INPUT CHARACTERISTICS
Operating Input Voltage Range
35
48
75
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
31.5
33.3
34.4
V
Turn-Off Voltage Threshold
29.5
31.0
32.4
V
Lockout Hysteresis Voltage
2.2
2.3
2.4
V
Input Over-Voltage Shutdown
76.7
78.3
79.5
V
Maximum Input Current
3.7
A
100% Load, 35 Vin
No-Load Input Current
75
95
mA
Disabled Input Current
2
5
mA
Inrush Current Transient Rating
0.03
A2s
Response to Input Transient
150
mV
1000V/ms input transient
Input Reflected-Ripple Current
5
mA
RMS thru 10µH inductor; Figs. 13 & 15
Recommended Input Fuse
20
A
fast blow external fuse recommended
Input Filter Component Values (C1\L\C2)
1.6\4\3.3
µF\µH\µF internal values, see Figure E
Recommended External Input Capacitance
33
47
µF
see Figure 13
OUTPUT CHARACTERISTICS
Output Voltage Set Point
1.78
1.80
1.82
V
Output Voltage Regulation
Over Line
+0.05 \ 1
+0.1 \ 2
%\mV
Over Load
+0.1 \ 2
+0.2 \ 4
%\mV
Over Temperature
+15
+30
mV
Total Output Voltage Range
1.74
1.86
V
over sample, line, load, temperature & life
Output Voltage Ripple and Noise
20MHz bandwidth; Fig. 13 & 16
Peak-to-Peak
50
100
mV
Full Load, see Figures 13 & 16
RMS
10
20
mV
Full Load, see Figures 13 & 16
Operating Output Current Range
0
60
A
Output DC Current-Limit Inception
63
68
73
A
Output Voltage 10% Low; Fig. 17
Output DC Current-Limit Shutdown Voltage
0.79
V
Current Share Accuracy (2 units paralleled)
+2
+5
%
% of rated output current
Back-Drive Current Limit while Enabled
0.5
1.3
2.5
A
Max negative current drawn from output
Back-Drive Current Limit while Disabled
0
10
50
mA
Max negative current drawn from output
Maximum Output Capacitance
>50,000
µF
1.8Vout at 60A Resistive Load
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
80
dB
120 Hz; Fig. 20
Output Voltage during Load Current Transient
Step Change in Output Current (0.1A/µs)
80
mV
50% to 75% to 50% Iout max; Figure 11
Step Change in Output Current (5A/µs)
80
mV
50% to 75% to 50% Iout max; Figure 12
Settling Time
300
µs
to within 1% Vout nom
Turn-On Transient
Turn-On Time
20
30
ms
Full load, Vout=90% nom.; Figs. 9 & 10
Start-Up Inhibit Time
180
200
215
ms
-40°C to +125°C; Figure A
Output Voltage Overshoot
0
%
10,000 µF load capacitance, Iout = 0A
EFFICIENCY
100% Load
85
%
Figures 1 - 4
50% Load
87
%
Figures 1 - 4
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150°C
Board Temperature
125
°C
UL rated max operating temp 130°C
Transformer Temperature
125
°C
See Figures 5 - 8 for derating curves
ISOLATION CHARACTERISTICS
Isolation Voltage
2000
V
Isolation Resistance
10
M
Isolation Capacitance
3300
pF
PQ48018HTA60 ELECTRICAL CHARACTERISTICS
TA=25°C, airflow rate=300 LFM, Vin=48Vdc unless otherwise noted; full operating temperature range is -40°C to +100°C ambient
temperature with appropriate power derating. Specifications subject to change without notice.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PQ24018QGA2525 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48015HGA4040 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48015HKA2020 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48015HMA3030 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48015HTA6060 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48015QGA2525 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48018HGA4040 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48018HKA2020 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48018HMA3030 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ24120QGA08100 Watts No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl