Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ04025VMA15NRS Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # NQ04025VMA15NRS
Description  16Amp, wide ouput range, Non-Isolated DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ04025VMA15NRS Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button NQ04025VMA15NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ04025VMA15NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ04025VMA15NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters NQ04025VMA15NRS Datasheet HTML 10Page - SynQor Worldwide Headquarters NQ04025VMA15NRS Datasheet HTML 11Page - SynQor Worldwide Headquarters NQ04025VMA15NRS Datasheet HTML 12Page - SynQor Worldwide Headquarters NQ04025VMA15NRS Datasheet HTML 13Page - SynQor Worldwide Headquarters NQ04025VMA15NRS Datasheet HTML 14Page - SynQor Worldwide Headquarters NQ04025VMA15NRS Datasheet HTML 15Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Product # NQ04T33VMA16
Phone 1-888-567-9596
Doc.# 005-2NV4T3E Rev. B
7/6/04
Page 11
Performance Curves
Figure 19: Turn-on transient at 3.3Vin and full load (resistive load)
(2ms/div). Ch 1: ON/OFF input (2V/div). Ch 2-8: Vout (500mV/div)
Figure 20: Turn-on transient at 5.0Vin and full load (resistive load)
(2ms/div). Ch 1: ON/OFF input (2V/div). Ch 2-8: Vout (500mV/div)
Figure 21: Turn-on transient at 3.3Vin and zero load (2ms/div). Ch 1:
ON/OFF input (2V/div). Ch 2-8: Vout (500mV/div)
Figure 22: Turn-on transient at 5.0Vin and zero load (2ms/div). Ch 1:
ON/OFF input (2V/div). Ch 2-8: Vout (500mV/div)
0
1
2
3
4
5
6
7
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Output Voltage (V)
Max Delay Time
Min Delay Time
Figure 23: Minimum and Maximum Startup Delay Time (enable to
10%) over temperature versus output voltage (includes trimming).
0
1
2
3
4
5
6
7
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Output Voltage (V)
Max Rise Time
Min Rise Time
Figure 24: Minimum and Maximum Startup Rise Time (10% to 90%)
over temperature versus output voltage (includes trimming).
3.0 - 5.5Vin 16A
Non-Isolated
Non-Isolated
SIP Converter
SIP Converter
2.5Vout
1.8Vout
1.5Vout
1.2Vout
1.0Vout
0.9Vout
0.75Vout
2.5Vout
1.8Vout
1.5Vout
1.2Vout
1.0Vout
0.9Vout
0.75Vout
2.5Vout
3.3Vout
1.8Vout
1.5Vout
1.2Vout
1.0Vout
0.9Vout
0.75Vout
2.5Vout
3.3Vout
1.8Vout
1.5Vout
1.2Vout
1.0Vout
0.9Vout
0.75Vout


Similar Part No. - NQ04025VMA15NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04T33HKA10ORN SYNQOR-NQ04T33HKA10ORN Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10ORS SYNQOR-NQ04T33HKA10ORS Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10OVN SYNQOR-NQ04T33HKA10OVN Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10OVS SYNQOR-NQ04T33HKA10OVS Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10PRN SYNQOR-NQ04T33HKA10PRN Datasheet
798Kb / 18P
   SIP Single In-Line Package
More results

Similar Description - NQ04025VMA15NRS

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP785.5-10 TOPPOWER-TP785.5-10 Datasheet
214Kb / 2P
   Wide Input&output Non-Isolated & Regulated DC/DC converter
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
logo
Bel Fuse Inc.
SLDM-06D1AX BEL-SLDM-06D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
logo
Isahaya Electronics Cor...
VLA417-153R ISAHAYA-VLA417-153R Datasheet
475Kb / 7P
   NON ISOLATED DC-DC CONVERTER
VLA417-133R ISAHAYA-VLA417-133R Datasheet
614Kb / 6P
   NON ISOLATED DC-DC CONVERTER
logo
Bel Fuse Inc.
SLDN-12D1AX BEL-SLDN-12D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
XRAH-01HXX0 BEL-XRAH-01HXX0 Datasheet
374Kb / 10P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
   NON ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com