Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ04018HMA15NVN Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # NQ04018HMA15NVN
Description  16Amp, wide ouput range, Non-Isolated DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ04018HMA15NVN Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button NQ04018HMA15NVN Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ04018HMA15NVN Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ04018HMA15NVN Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ04018HMA15NVN Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ04018HMA15NVN Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ04018HMA15NVN Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ04018HMA15NVN Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ04018HMA15NVN Datasheet HTML 9Page - SynQor Worldwide Headquarters NQ04018HMA15NVN Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Product # NQ04T33VMA16
Phone 1-888-567-9596
Doc.# 005-2NV4T3E Rev. B
7/6/04
Page 6
Technical Specification
3.0 - 5.5Vin 16A
Non-Isolated
Non-Isolated
SIP Converter
SIP Converter
ELECTRICAL CHARACTERISTICS (continued) - NQ04T33VMA16 Series
Parameter
ModuleP
Min.
Typ.
Max.
Units Notes & Conditions
EFFICIENCY (cont.)
50% Load (3.3Vin\5Vin)
0.9V
89/87
%
Figures 1-4
1.0V
89.5/88
%
1.2V
91/89.5
%
1.5V
92.5/91
%
1.8V
93.5/92
%
2.5V
95.5/94
%
3.3V
95
%
TEMP. LIMITS FOR POWER DERATING
Semiconductor Junction Temperature
5
All
125
°C
Package rated to 150°C; Figs 5-14
Board Temperature
5
All
125
°C
UL rated max operating temp 130°C
FEATURE CHARACTERISTICS
Switching Frequency
All
265
300
330
kHz
may decrease by up to 30 kHz at -40°C
Negative Logic (N, O) ON/OFF Control
Figure A, page 16
Off-State Voltage
All
1.5
6.5
V
On-State Voltage
All
-3
0.6
V
Pull-Up Voltage (N logic only)
All
2/3 Vin
V
Pull-Up Resistance (N logic only)
All
6.7
k
Input Resistance (O logic only)
All
20
k
Positive Logic (P) ON/OFF Control
Open collector/drain input; Figure A
Logic Low Voltage Range
All
-0.2
1
V
Logic High Voltage Range (internal pullup)
All
2.2
Vin
V
Logic Low sink current
All
300
Vin/10K
550
µA
Logic High sink current (leakage)
All
10
µA
Output Voltage Trim Range
1,6,8
All
0.85
3.6
V
Measured Vout+ to common pins; Table 1
Output Voltage Remote Sense Range
1,7,8
All
+10
%
Measured Vout+ to common pins
Output Over-Voltage Protection
8
All
3.75
4.05
4.35
V
Over full temp range
Over-Temperature Shutdown
All
120
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
All
5
°C
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia)
All
10.1
106 Hrs. TR-NWT-000332; 15A load, 200LFM, 40oC Ta
Calculated MTBF (MIL-217)
All
6.6
106 Hrs. MIL-HDBK-217F; 15A load, 200LFM, 40oC Ta
Field Demonstrated MTBF
All
106 Hrs. See website for latest values
Note 1: Maintain a minimum of 0.4V headroom between input and output voltage to meet performance specifications. Unit will perform as the model with the
output voltage that it is trimmed to.
Note 2: Tantalum or similar with additional ceramic as needed to reduce ripple current in external input capacitors. See Figure 26. When using more than
1000µF of output capacitance, input filter inductor should be reduced to <0.3µH or input capacitance should be increased to match output capacitance.
Consult factory for more demanding applications. Also refer to Application Considerations section of this datasheet.
Note 3: The over-current shutdown threshold for a short over-current pulse can be as high as 50A when trimming up a wide trim unit above 1.2V.
Note 4: When trimming a 0.9V unit to less than 0.88V with more than 1000µF of output capacitance, consult factory for trim circuit recommendations. This
also applies to trimming a 1.0V unit below 0.95V.
Note 5: Power derating curves are measured using an evaluation board consisting of 6 layers of 2 ounce copper.
Note 6: Wide trim option unit has a setpoint of 0.753V and a trim range of 0.85V-3.6V.
Note 7: In remote sense applications, when trimming down, the trim-down resistor should be connected to the sense pin for more accurate trimming results.
Note 8: User should allow sufficient transient response headroom between the module’s local output and the minimum OVP threshold.


Similar Part No. - NQ04018HMA15NVN

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04T33HKA10ORN SYNQOR-NQ04T33HKA10ORN Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10ORS SYNQOR-NQ04T33HKA10ORS Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10OVN SYNQOR-NQ04T33HKA10OVN Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10OVS SYNQOR-NQ04T33HKA10OVS Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10PRN SYNQOR-NQ04T33HKA10PRN Datasheet
798Kb / 18P
   SIP Single In-Line Package
More results

Similar Description - NQ04018HMA15NVN

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP785.5-10 TOPPOWER-TP785.5-10 Datasheet
214Kb / 2P
   Wide Input&output Non-Isolated & Regulated DC/DC converter
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
logo
Bel Fuse Inc.
SLDM-06D1AX BEL-SLDM-06D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
logo
Isahaya Electronics Cor...
VLA417-153R ISAHAYA-VLA417-153R Datasheet
475Kb / 7P
   NON ISOLATED DC-DC CONVERTER
VLA417-133R ISAHAYA-VLA417-133R Datasheet
614Kb / 6P
   NON ISOLATED DC-DC CONVERTER
logo
Bel Fuse Inc.
SLDN-12D1AX BEL-SLDN-12D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
XRAH-01HXX0 BEL-XRAH-01HXX0 Datasheet
374Kb / 10P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
   NON ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com