Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC7703 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC7703
Description  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7703 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC7703 Datasheet HTML 2Page - Texas Instruments TLC7703 Datasheet HTML 3Page - Texas Instruments TLC7703 Datasheet HTML 4Page - Texas Instruments TLC7703 Datasheet HTML 5Page - Texas Instruments TLC7703 Datasheet HTML 6Page - Texas Instruments TLC7703 Datasheet HTML 7Page - Texas Instruments TLC7703 Datasheet HTML 8Page - Texas Instruments TLC7703 Datasheet HTML 9Page - Texas Instruments TLC7703 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TLC7701, TLC7725, TLC7703, TLC7733, TLC7705
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
SLVS087K – DECEMBER 1994 – REVISED JULY 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (see Note 2) (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TLC77xxM
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VDD =2V
TA = 25°C
1.8
VDD = 2 V,
TA = – 55°C to 125°C
1.7
IOH =20 µA
VDD =2 7V
TA = 25°C
2.5
VOH
High-level output
IOH = – 20 µA
VDD = 2.7 V
TA = – 55°C to 125°C
2.3
V
VOH
g
voltage
VDD =4 5V
TA = 25°C
4.3
V
VDD = 4.5 V
TA = – 55°C to 125°C
4.2
IOH =2 mA
VDD =4 5V
TA = 25°C
3.7
IOH = – 2 mA
VDD = 4.5 V
TA = – 55°C to 125°C
3.6
VDD =2V
TA = 25°C
0.2
VDD = 2 V
TA = – 55°C to 125°C
0.2
IOL =20 µA
VDD =2 7V
TA = 25°C
0.2
VOL
Low-level output
IOL = 20 µA
VDD = 2.7 V
TA = – 55°C to 125°C
0.2
V
VOL
voltage
VDD =4 5V
TA = 25°C
0.2
V
VDD = 4.5 V
TA = – 55°C to 125°C
0.2
IOL =2mA
VDD =4 5V
TA = 25°C
0.5
IOL = 2 mA
VDD = 4.5 V
TA = – 55°C to 125°C
0.5
VIT
Negative-going input threshold
TLC7733
VDD =2Vto6V
2.86
2.93
3.1
V
VIT –
gg
g
voltage, SENSE (see Note 3)
TLC7705
VDD = 2 V to 6 V
4.3
4.5
4.8
V
Vhys
Hysteresis voltage, SENSE
VDD = 2 V to 6 V
VDD = 2 V to 6 V
70
mV
Vres
Power-up reset voltage‡
IOL = 20 µA
1
V
RESIN
VI = 0 V to VDD
2
II
Input current
CONTROL
VI = VDD
7
15
µA
II
Input current
SENSE
VI = 5 V
5
10
µA
SENSE, TLC7701 only
VI = 5 V
2
RESIN = VDD,
IDD
Supply current
DD,
SENSE = VDD ≥ VITmax + 0.2 V
CONTROL
0 V
O
916
µA
CONTROL = 0 V,
Outputs open
IDD(d) Supply current during td
TLC7733
VCT = 0 ,
RESIN = VDD,
CONTROL=0V
VDD = 3.3 V
250
µA
IDD(d) Supply current during td
TLC7705
CONTROL = 0 V,
SENSE = VDD,
Outputs open
VDD = 5 V
120
150
µA
CI
Input capacitance, SENSE
VI = 0 V to VDD
50
pF
† Typical values apply at TA = 25°C.
‡ The lowest supply voltage at which RESET becomes active. The symbol Vres is not currently listed within EIA or JEDEC standards for
semiconductor symbology. Rise time of VDD ≥ 15 µs/V.
NOTES:
2. All characteristics are measured with CT = 0.1 µF.
3. To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1
µF) should be placed near the supply terminals.


Similar Part No. - TLC7703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7703 TI1-TLC7703 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7703 TI-TLC7703 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7703 TI-TLC7703 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7703 TI-TLC7703 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7703 TI1-TLC7703 Datasheet
1Mb / 37P
[Old version datasheet]   Micropower Supply Voltage Supervisors
More results

Similar Description - TLC7703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701MDREP TI1-TLC7701MDREP Datasheet
621Kb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-Q1 TI1-TLC7701-Q1 Datasheet
217Kb / 14P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_17 Datasheet
1Mb / 37P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701 TI1-TLC7701_12 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701-Q1 TI1-TLC7701-Q1_16 Datasheet
1Mb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-EP TI-TLC7701-EP Datasheet
214Kb / 11P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_16 Datasheet
1Mb / 38P
[Old version datasheet]   Micropower Supply Voltage Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com