Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC7225IDWG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC7225IDWG4
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7225IDWG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLC7225IDWG4 Datasheet HTML 1Page - Texas Instruments TLC7225IDWG4 Datasheet HTML 2Page - Texas Instruments TLC7225IDWG4 Datasheet HTML 3Page - Texas Instruments TLC7225IDWG4 Datasheet HTML 4Page - Texas Instruments TLC7225IDWG4 Datasheet HTML 5Page - Texas Instruments TLC7225IDWG4 Datasheet HTML 6Page - Texas Instruments TLC7225IDWG4 Datasheet HTML 7Page - Texas Instruments TLC7225IDWG4 Datasheet HTML 8Page - Texas Instruments TLC7225IDWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TLC7225C, TLC7225I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS109B – OCTOBER 1996 – REVISED FEBRUARY 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range
reference inputs (all supply ranges)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ri
Input resistance, REFA, REFB, REFC, REFD
1.5
4
k
Ci
Input capacitance REFA REFB REFC REFD
DAC loaded with all 1s
300
pF
Ci
In ut ca acitance, REFA, REFB, REFC, REFD
DAC loaded with all 0s
65
pF
Channel-to-channel isolation
V f = 10 V
sine wave at 10 kHz
60
dB
AC feedthrough
Vref = 10 Vpp sine wave at 10 kHz
70
dB
dual power supply over recommended supply and reference voltage ranges, AGND = DGND = 0 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
II
Input current, digital
VI = 0 or VDD
±1
µA
IDD
Supply current, VDD
VI = VIL or VIH, No load
10
16
mA
ISS
Supply current, VSS
VI = VIL or VIH, No load
4
10
mA
Power supply sensitivity
∆VDD = ±5%
0.01
%/%
Ci
Input capacitance
Digital inputs
8
pF
single power supply, VDD = 14.25 V to 15.75 V, VSS = AGND = DGND = 0 V, Vref (A, B, C, D) = 10 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
II
Input current, digital
VI = 0 or VDD
±1
µA
IDD
Supply current, VDD
VI = VIL or VIH, No load
5
13
mA
Power supply sensitivity
∆VDD = ±5%
0.01
%/%
Ci
Input capacitance
Digital inputs
8
pF


Similar Part No. - TLC7225IDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7225IDWG4 TI1-TLC7225IDWG4 Datasheet
337Kb / 22P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC7225IDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620C TI-TLV5620C Datasheet
196Kb / 14P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI1-TLC7226C Datasheet
227Kb / 18P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225 TI1-TLC7225 Datasheet
337Kb / 22P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C_08 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI-TLC7226C_15 Datasheet
964Kb / 24P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com