Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB772PT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # 2SB772PT
Description  PNP Epitaxial Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

2SB772PT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  2SB772PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 2SB772PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 2SB772PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. 2SB772PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATING CHARACTERISTIC CURVES ( 2SB772PT )
Typical Electrical Characteristics
-0.1
-0.3
-1.0
-3.0
-10
-30
-100
1
10
100
3000
1000
COLLECTOR-BASE REVERSE BIAS VOLTAGE VCB (V)
Figure 1. CC - Reverse VCB
-1
-10
-100
-1000
1
10
100
3000
1000
COLLECTOR CURRENT IC (mA)
Figure 2. C
utoff Frequency - IC
VCE=-5V
-10
-30
-100
-300
-1000
-3000
-0.1
-0.3
-0.5
-1
-3
-5
-10
COLLECTOR CURRENT IC (mA)
Figure 6. VBE(sat) - IC
COMMON EMITTER
IC/IB=10
-10
-30
-100
-300
-1000
-3000
-0.01
-0.03
-0.05
-0.1
-0.3
-0.5
-1
COLLECTOR CURRENT IC (mA)
Figure 5. VCE(sat) - IC
COMMON EMITTER
IC/IB=10
-10
-30
-100
-300
-1000
-3000
10
30
50
100
300
500
1000
COLLECTOR CURRENT IC (mA)
Figure 3. hFE - IC
COMMON EMITTER
VCE=-2V
0
20
0 . 2
0 . 4
40
0 . 6
0 . 8
60
1 . 0
80
1 . 2
1 . 4
1 . 5
100
120
140
160
0
AMBIENT TEMPERATURE TA (
OC)
Figure 4. PC - TA
(1) Mounted on ceramic substrate
( 250mm
2x0.8t )
(2) No heat sink
(2)
(1)


Similar Part No. - 2SB772PT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB772 UTC-2SB772 Datasheet
46Kb / 2P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
logo
Daya Electric Group Co....
2SB772 DAYA-2SB772 Datasheet
268Kb / 3P
   PNP SILICON POWER TRANSISTOR
logo
Shenzhen Luguang Electr...
2SB772 LUGUANG-2SB772 Datasheet
967Kb / 1P
   PNP TO-126 Plastic-Encapsulate Transistors
logo
NEC
2SB772 NEC-2SB772 Datasheet
272Kb / 3P
   PNP SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SB772 RENESAS-2SB772 Datasheet
302Kb / 5P
   PNP SILICON POWER TRANSISTOR
More results

Similar Description - 2SB772PT

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GJ8550 GTM-GJ8550 Datasheet
129Kb / 2P
   PNP EPITAXIAL TRANSISTOR
GMBT9012 GTM-GMBT9012 Datasheet
221Kb / 2P
   PNP EPITAXIAL TRANSISTOR
GBC327 GTM-GBC327 Datasheet
189Kb / 3P
   PNP EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
TIP127 UTC-TIP127_09 Datasheet
217Kb / 4P
   PNP EPITAXIAL TRANSISTOR
logo
GTM CORPORATION
GSMBT8550 GTM-GSMBT8550 Datasheet
158Kb / 2P
   PNP EPITAXIAL TRANSISTOR
logo
Chenmko Enterprise Co. ...
2SA1020N1PT CHENMKO-2SA1020N1PT Datasheet
128Kb / 4P
   PNP Epitaxial Transistor
2SB772ZPT CHENMKO-2SB772ZPT Datasheet
141Kb / 4P
   PNP Epitaxial Transistor
2SB1386PPT CHENMKO-2SB1386PPT Datasheet
389Kb / 3P
   PNP Epitaxial Transistor
2SA1213PT CHENMKO-2SA1213PT Datasheet
154Kb / 4P
   PNP Epitaxial Transistor
2SB1386PT CHENMKO-2SB1386PT Datasheet
159Kb / 3P
   PNP Epitaxial Transistor
logo
Unisonic Technologies
TIP107 UTC-TIP107_09 Datasheet
168Kb / 4P
   PNP EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com