Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ03025HMA15OVS Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # NQ03025HMA15OVS
Description  15A Non-Isolated DC/DC Converter in SIP configuration
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ03025HMA15OVS Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button NQ03025HMA15OVS Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ03025HMA15OVS Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ03025HMA15OVS Datasheet HTML 9Page - SynQor Worldwide Headquarters NQ03025HMA15OVS Datasheet HTML 10Page - SynQor Worldwide Headquarters NQ03025HMA15OVS Datasheet HTML 11Page - SynQor Worldwide Headquarters NQ03025HMA15OVS Datasheet HTML 12Page - SynQor Worldwide Headquarters NQ03025HMA15OVS Datasheet HTML 13Page - SynQor Worldwide Headquarters NQ03025HMA15OVS Datasheet HTML 14Page - SynQor Worldwide Headquarters NQ03025HMA15OVS Datasheet HTML 15Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Product # NQ03xxxVMA15
Phone 1-888-567-9596
Doc.# 005-2NV3xxE Rev. E
6/24/04
Page 11
Performance Curves
3.0 - 3.6Vin 15A
Non-Isolated
Non-Isolated
SIP Converter
SIP Converter
Figure 24: Test set-up diagram showing measurement points for Input
Terminal Ripple Current (Figure 25), Input Reflected Ripple Current
(Figure 26) and Output Voltage Ripple (Figure 27).
Figure 25: Input Terminal Ripple Current, ic, at full rated output cur-
rent and nominal input voltage with 1µH source impedance and 200µF
tantalum capacitor (5A/div). See Figure 24.
Figure 26: Input Reflected Ripple Current, is, through a 1 µH source
inductor at nominal input voltage and rated load current (100 mA/div).
See Figure 24.
Figure 27: Output Voltage Ripple at nominal input voltage and rated
load current (10 mV/div). Load capacitance: 10µF ceramic capacitor
and 15µF tantalum capacitor. Bandwidth: 20 MHz. See Figure 24.
Figure 28: Load current (5A/div) as a function of time when 0.9V con-
verter attempts to turn on into a 10 m
Ωshort circuit. Top trace
(10ms/div) is an expansion of the on-time portion of the bottom trace.
Figure 29: Load current (5A/div) as a function of time when 2.5V con-
verter attempts to turn on into a 10 m
Ωshort circuit. Top trace
(10ms/div) is an expansion of the on-time portion of the bottom trace.
2.5Vout
1.8Vout
1.5Vout
1.2Vout
0.9Vout
2.5Vout
1.8Vout
1.5Vout
1.2Vout
0.9Vout
2.5Vout
1.8Vout
1.5Vout
1.2Vout
0.9Vout
1 µH
source
impedance
DC/DC
Converter
See Fig. 23
See Fig. 22
See Fig. 24
10 µF
ceramic
capacitor
15 µF,
100m
Ω ESR
tantalum
capacitor
C*
VSOURCE
i
S
i
C
VOUT
* See values for recommended external input capacitance.
Inductor optional as needed.


Similar Part No. - NQ03025HMA15OVS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04009HMA15NRN SYNQOR-NQ04009HMA15NRN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15NRS SYNQOR-NQ04009HMA15NRS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15NVN SYNQOR-NQ04009HMA15NVN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15NVS SYNQOR-NQ04009HMA15NVS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15ORN SYNQOR-NQ04009HMA15ORN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
More results

Similar Description - NQ03025HMA15OVS

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NCA015 MURATA-PS-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Astec America, Inc
APA18T04 ASTEC-APA18T04_05 Datasheet
707Kb / 17P
   3.0-5.5Vin, 18A, Non-isolated DC - DC SIP Converter
APA18T12 ASTEC-APA18T12 Datasheet
322Kb / 17P
   12Vin, 75Watts, Non-isolated DC - DC POL SIP Converter
logo
Artesyn Technologies
SIL15 ARTESYN-SIL15 Datasheet
194Kb / 3P
   15A Non-Isolated DC/DC Converters
logo
Murata Power Solutions ...
NFA010 MURATA-PS-NFA010 Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
logo
Murata Manufacturing Co...
NEA-NEF010 MURATA-NEA-NEF010 Datasheet
795Kb / 18P
   Non-Isolated 10A SIP DC/DC Converters
logo
Emerson Network Power
SIL15 EMERSON-NETWORKPOWER-SIL15 Datasheet
114Kb / 3P
   DC/DC CONVERTERS 15A Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com