Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SS400GPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # 1SS400GPT
Description  SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

1SS400GPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  1SS400GPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 1SS400GPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( 1SS400GPT )
0.1
1
10
100
1000
10000
PULSE WIDTH , TW (mS)
0
100m
10m
1m
100u
10u
1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
FORWARD VOLTAGE, (V)
FIG. 2 - FORWARD CHARACTERISTICS
REVERSE VOLTAGE, (V)
FIG. 4 - REVERSE CHARACTERISTICS
1
10u
1u
10
100
20
30
40
80
70
60
50
0
REVERSE VOLTAGE, (V)
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
125
oC
75
oC
25
oC
0
0
3
2
1
25
20
15
10
5
VR=6V
IRR=1/10IR
FORWARD CURRENT, (mA)
FIG. 5 - REVERSE RECOVERY TIME
PULSE GENERATOR
OUTPUT 50
SAMPLING
OSCILLOSCOPE
50
0.01µF
D.U.T.
5
FIG. 6 - REVERSE RECOVERY TIME MEASUREMENT CIRCUIT
FIG. 1 - SURGE CURRENT CHARACTERISTICS
1
2
5
10
20
50
100
PULSE
Single pulse
0
2
4
6
8
10
12
14
0.1
0.2
0.5
1
2
5
10


Similar Part No. - 1SS400GPT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1SS400GPT ETC2-1SS400GPT Datasheet
70Kb / 2P
   SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere
More results

Similar Description - 1SS400GPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
1SS355PT CHENMKO-1SS355PT Datasheet
83Kb / 2P
   SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere
1SS400G2PT CHENMKO-1SS400G2PT Datasheet
77Kb / 2P
   SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere
logo
List of Unclassifed Man...
1SS400GPT ETC2-1SS400GPT Datasheet
70Kb / 2P
   SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere
logo
Chenmko Enterprise Co. ...
1SS358PT CHENMKO-1SS358PT Datasheet
103Kb / 2P
   SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere
logo
List of Unclassifed Man...
1SS400PT ETC1-1SS400PT Datasheet
74Kb / 2P
   SURFACE MOUNT (SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere)
1SS355PT ETC2-1SS355PT Datasheet
73Kb / 2P
   SURFACE MOUNT SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere
logo
Chenmko Enterprise Co. ...
1SS380PT CHENMKO-1SS380PT Datasheet
71Kb / 2P
   SWITCHING DIODE VOLTAGE 40 Volts CURRENT 0.1 Ampere
CH221MSPT CHENMKO-CH221MSPT Datasheet
94Kb / 2P
   SWITCHING DIODE VOLTAGE 20 Volts CURRENT 0.1 Ampere
CH228KPT CHENMKO-CH228KPT Datasheet
73Kb / 2P
   SWITCHING DIODE VOLTAGE 80 Volts CURRENT 0.1 Ampere
CH228N1PT CHENMKO-CH228N1PT Datasheet
79Kb / 2P
   SWITCHING DIODE VOLTAGE 80 Volts CURRENT 0.1 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com