Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC7628C Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC7628C
Description  DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7628C Datasheet(HTML) 1 Page - Texas Instruments

  TLC7628C Datasheet HTML 1Page - Texas Instruments TLC7628C Datasheet HTML 2Page - Texas Instruments TLC7628C Datasheet HTML 3Page - Texas Instruments TLC7628C Datasheet HTML 4Page - Texas Instruments TLC7628C Datasheet HTML 5Page - Texas Instruments TLC7628C Datasheet HTML 6Page - Texas Instruments TLC7628C Datasheet HTML 7Page - Texas Instruments TLC7628C Datasheet HTML 8Page - Texas Instruments TLC7628C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLC7628C, TLC7628E, TLC7628I
DUAL 8-BIT MULTIPLYING
DIGITAL-TO-ANALOG CONVERTERS
SLAS063A – APRIL 1989 – REVISED MAY 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Easy Microprocessor Interface
D On-Chip Data Latches
D Digital Inputs Are TTL-Compatible With
10.8-V to 15.75-V Power Supply
D Monotonic Over the Entire A/D Conversion
Range
D Fast Control Signaling for Digital Signal
Processor (DSP) Applications Including
Interface With TMS320
D CMOS Technology
KEY PERFORMANCE SPECIFICATIONS
Resolution
Linearity Error
Power Dissipation
Settling Time
Propagation Delay Time
8 bits
1/2 LSB
20 mW
100 ns
80 ns
description
The TLC7628C, TLC7628E, and TLC7628I are
dual, 8-bit, digital-to-analog converters (DACs)
designed with separate on-chip data latches and
feature
exceptionally
close
DAC-to-DAC
matching. Data is transferred to either of the two
DAC data latches through a common, 8-bit input
port. Control input DACA/DACB determines
which DAC is loaded. The load cycle of these
devices is similar to the write cycle of a
random-access memory, allowing easy interface
to most popular microprocessor buses and output ports. Segmenting the high-order bits minimizes glitches
during changes in the most significant bits, where glitch impulse is typically the strongest.
The TLC7628C operates from a 10.8-V to 15.75-V power supply and is T TL-compatible over this range. 2- or
4-quadrant multiplying makes these devices a sound choice for many microprocessor-controlled gain-setting
and signal-control applications.
The TLC7628C is characterized for operation from 0
°C to 70°C. The TLC7628I is characterized for operation
from – 25
°C to 85°C. The TLC7628E is characterized for operation from –40°C to 85°C.
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
PLASTIC DIP
(DW)
PLASTIC CHIP
CARRIER
(FN)
PLASTIC DIP
(N)
0
°C to 70°C
TLC7628CDW
TLC7628CFN
TLC7628CN
–25
°C to 85°C
TLC7628IDW
TLC7628IFN
TLC7628IN
–40
°C to 85°C
TLC7628EDW
TLC7628EFN
TLC7628EN
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
AGND
OUTA
RFBA
REFA
DGND
DACA/DACB
(MSB) DB7
DB6
DB5
DB4
OUTB
RFBB
REFB
VDD
WR
CS
DB0 (LSB)
DB1
DB2
DB3
DW OR N PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
REFB
VDD
WR
CS
DB0 (LSB)
REFA
DGND
DACA/DACB
(MSB) DB7
DB6
FN PACKAGE
(TOP VIEW)


Similar Part No. - TLC7628C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7628CDW TI1-TLC7628CDW Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7628CDWG4 TI1-TLC7628CDWG4 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7628CDWR TI1-TLC7628CDWR Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7628CDWRG4 TI1-TLC7628CDWRG4 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7628CN TI1-TLC7628CN Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - TLC7628C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7528C TI-TLC7528C Datasheet
247Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C_08 Datasheet
633Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C Datasheet
146Kb / 10P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524IDR TI1-TLC7524IDR Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528CNSR TI1-TLC7528CNSR Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 8-BI MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C_15 Datasheet
856Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7628C TI1-TLC7628C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800_04 Datasheet
645Kb / 20P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC7800 TI1-DAC7800_15 Datasheet
1,019Kb / 23P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com