Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC7528C Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC7528C
Description  DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7528C Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC7528C Datasheet HTML 7Page - Texas Instruments TLC7528C Datasheet HTML 8Page - Texas Instruments TLC7528C Datasheet HTML 9Page - Texas Instruments TLC7528C Datasheet HTML 10Page - Texas Instruments TLC7528C Datasheet HTML 11Page - Texas Instruments TLC7528C Datasheet HTML 12Page - Texas Instruments TLC7528C Datasheet HTML 13Page - Texas Instruments TLC7528C Datasheet HTML 14Page - Texas Instruments TLC7528C Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TLC7528C, TLC7528E, TLC7528I
DUAL 8-BIT MULTIPLYING
DIGITAL-TO-ANALOG CONVERTERS
SLAS062B – JANUARY 1987 – REVISED MARCH 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
REFB
19
RFBB
OUTB
AGND
TLC7528
REFA
DB0 – DB7
CS
WR
DACA / DACB
DGND
Vref
Data Inputs
4
5
18
6
16
15
14 – 7
Test Input
0 to –Vref
RFBA
3
VDD
17
OUTA
2
1
20
PASS / FAIL Output
1 k
VCC
DACB
DACA
8
Figure 8. Digitally-Programmable Window Comparator (Upper- and Lower-Limit Tester)
digitally controlled signal attenuator
Figure 9 shows a TLC7528 configured as a two-channel programmable attenuator. Applications include stereo
audio and telephone signal level control. Table 3 shows input codes vs attenuation for a 0 to 15.5 dB range.
Output
A1
A2
VOB
VDD
TLC7528
DGND
AGND
REFB
DACA / DACB
WR
CS
DB0 – DB7
OUTA
RFBA
REFA
RFBB
OUTB
Data Bus
3
2
15
16
6
18
1
5
19
17
4
20
DACA
DACB
Attenuation dB = – 20 log10 D/256, D = digital input code
8
14 – 7
VIA
Figure 9. Digitally Controlled Dual Telephone Attenuator


Similar Part No. - TLC7528C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7528CDW TI1-TLC7528CDW Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 8-BI MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528CDWG4 TI1-TLC7528CDWG4 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 8-BI MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528CDWR TI1-TLC7528CDWR Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 8-BI MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528CDWRG4 TI1-TLC7528CDWRG4 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 8-BI MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528CFN TI1-TLC7528CFN Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 8-BI MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC7528C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7628C TI-TLC7628C Datasheet
156Kb / 10P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C_08 Datasheet
633Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C Datasheet
146Kb / 10P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524IDR TI1-TLC7524IDR Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528CNSR TI1-TLC7528CNSR Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 8-BI MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C_15 Datasheet
856Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7628C TI1-TLC7628C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800_04 Datasheet
645Kb / 20P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC7800 TI1-DAC7800_15 Datasheet
1,019Kb / 23P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com