Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ30033EGA20PRA-G Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # PQ30033EGA20PRA-G
Description  Eighth-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ30033EGA20PRA-G Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button PQ30033EGA20PRA-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ30033EGA20PRA-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ30033EGA20PRA-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ30033EGA20PRA-G Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ30033EGA20PRA-G Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ30033EGA20PRA-G Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ30033EGA20PRA-G Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ30033EGA20PRA-G Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ30033EGA20PRA-G Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
18-60 V
18-60 V
3.3 V
3.3 V
20 A
20 A
Eighth-brick
Eighth-brick
T
Technical S
echnical Specification
pecification
Product # PQ30033EGA20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EG33MU Rev. A
3/18/08
Page 10
BASIC OPERATION AND FEATURES
The PowerQor series converter uses a two-stage power conver-
sion topology. The first stage is a buck-converter that keeps the
output voltage constant over variations in line, load, and temper-
ature. The second stage uses a transformer to provide the func-
tions of input/output isolation and voltage step-down to achieve
the low output voltage required.
Both the first stage and the second stage switch at a fixed fre-
quency for predictable EMI performance. Rectification of the
transformer’s output is accomplished with synchronous rectifiers.
These devices, which are MOSFETs with a very low on-state resis-
tance, dissipate far less energy than Schottky diodes. This is the
primary reason that the PowerQor converter has such high effi-
ciency, even at very low output voltages and very high output cur-
rents.
Dissipation throughout the converter is so low that it does not
require a heatsink for operation. Since a heatsink is not required,
the PowerQor converter does not need a metal baseplate or pot-
ting material to help conduct the dissipated energy to the
heatsink. The PowerQor converter can thus be built more simply
and reliably using high yield surface mount techniques on a PCB
substrate.
The PowerQor series of eighth-brick, quarter-brick and half-brick
converters uses the industry standard footprint and pin-out con-
figuration.
CONTROL FEATURES
REMOTE ON/OFF (Pin 2): The ON/OFF input, Pin 2, permits
the user to control when the converter is on or off. This input is
referenced to the return terminal of the input bus, Vin(-). There are
two versions of the converter that differ by the sense of the logic
used for the ON/OFF input.
In the positive logic version, the ON/OFF input is active high
(meaning that a high turns the converter on). In the negative logic
version, the ON/OFF signal is active low (meaning that a low
turns the converter on). Figure A details five possible circuits for
driving the ON/OFF pin. Figure B is a detailed look of the inter-
nal ON/OFF circuitry.
REMOTE SENSE(+) (Pins 7 and 5): The SENSE(+) inputs cor-
rect for voltage drops along the conductors that connect the con-
verter’s output pins to the load.
Pin 7 should be connected to Vout(+) and Pin 5 should be con-
nected to Vout(-) at the point on the board where regulation is
desired. A remote connection at the load can adjust for a voltage
drop only as large as that specified in this datasheet, that is
[Vout(+) - Vout(-)] [Vsense(+) - Vsense(-)] <
Sense Range % x Vout
Pins 7 and 5 must be connected for proper regulation of the out-
put voltage. If these connections are not made, the converter will
deliver an output voltage that is slightly higher than its specified
value.
The converter has 100
internal resistors connected
between the output and sense pins (see diagram below).
Open Collector Enable Circuit
Figure A: Various circuits for driving the ON/OFF pin.
Figure B: Internal ON/OFF pin circuitry
Remote Enable Circuit
Direct Logic Drive
Negative Logic
(Permanently Enabled)
Positive Logic
(Permanently Enabled)
ON/OFF
Vin(_
)
ON/OFF
ON/OFF
Vin(_
)
ON/OFF
5V
TTL/
CMOS
Vin(_
)
ON/OFF
Vin(_)
Vin(_
)
TTL
5V
50k
162k
Vin(+)
ON/OFF
Vin(_)
50k
100pF
100
100
Vout(_)
Vsense(_)
Vsense(+)
Vout(+)


Similar Part No. - PQ30033EGA20PRA-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ30033QGA25 SYNQOR-PQ30033QGA25 Datasheet
1Mb / 14P
   Quarter-brick DC/DC Converter
PQ30033QGA25NKS SYNQOR-PQ30033QGA25NKS Datasheet
1Mb / 14P
   Quarter-brick DC/DC Converter
PQ30033QGA25NKS SYNQOR-PQ30033QGA25NKS Datasheet
466Kb / 14P
   Quarter-brick DC/DC Converter
PQ30033QGA25NNS SYNQOR-PQ30033QGA25NNS Datasheet
1Mb / 14P
   Quarter-brick DC/DC Converter
PQ30033QGA25NNS SYNQOR-PQ30033QGA25NNS Datasheet
466Kb / 14P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ30033EGA20PRA-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com