Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQME-28-HT-Z-HB Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # MQME-28-HT-Z-HB
Description  HIIGH RELLIIABIILLIITTY EMI FIILLTTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-28-HT-Z-HB Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button MQME-28-HT-Z-HB Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-28-HT-Z-HB Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-28-HT-Z-HB Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-28-HT-Z-HB Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-28-HT-Z-HB Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-28-HT-Z-HB Datasheet HTML 9Page - SynQor Worldwide Headquarters MQME-28-HT-Z-HB Datasheet HTML 10Page - SynQor Worldwide Headquarters MQME-28-HT-Z-HB Datasheet HTML 11Page - SynQor Worldwide Headquarters MQME-28-HT-Z-HB Datasheet HTML 12Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Product # MQME-28-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ME028P Rev. A
5/1/08
Page 8
Current:
Current: 20 A
20 A
MQME-28-P
MQME-28-P
T
T
T
Te
e
e
ec
c
c
ch
h
h
hn
n
n
niiiic
c
c
ca
a
a
allll S
S
S
Sp
p
p
pe
e
e
ec
c
c
ciiiiffffiiiic
c
c
ca
a
a
attttiiiio
o
o
on
n
n
n
RTCA/DO-160E SECTION 22 COMPLIANCE MATRIX
(LIGHTNING INDUCED TRANSIENT SUSCEPTIBILITY)
The following table shows the RTCA/DO-160 Section 22 requirements that have been met* by a stand-alone setup comprised of:
- MQME-28-P (or –T) Filter
- MQFL-28-05S DC/DC Converter
- Resistive Load
- Metal Chassis Plane
- Unshielded Power Cable Bundle
* Requirement is deemed to have been met as long as transient deviations in the converter’s output voltage remain within ±10% of
its initial value.
† For these waveforms at Level 3 and above, an external transient suppressor of sufficient energy rating must placed across the filter’s
input pins to keep the differential transient input voltage below +200V/-50V. Negative polarity waveforms may cause power flow to
the converter to be interrupted long enough to cause a graceful shutdown and restart of the converter. Also, the reverse voltage pro-
tection feature of the -T filter is required to protect the converter (but not the filter) from negative polarity waveform.
** For this waveform at a Level 4 and above, external transient suppressors of sufficient energy rating must be added between the fil-
ter’s input power pins and its case to keep the common-mode transient input voltage below +800V.
4
4
4
4
4
**
4
4
4
Maximum Level Passed
Signal applied between metal ground
plane and system ground
4
5a
Signal applied to unshielded power
cable bundle
2
Signal applied to +Vin pin. Input Return
pin connected to system ground
3
4
5a
Pin Injection
Signal applied to unshielded power
cable bundle
3
Multiple-Burst
Cable Induction
Single- and
Multiple-Stroke
Ground Injection
3
Single- and
Multiple-Stroke
Cable Induction
Test Conditions
Waveform
4
4
4
4
4
**
4
4
4
Maximum Level Passed
Signal applied between metal ground
plane and system ground
4
5a
Signal applied to unshielded power
cable bundle
2
Signal applied to +Vin pin. Input Return
pin connected to system ground
3
4
5a
Pin Injection
Signal applied to unshielded power
cable bundle
3
Multiple-Burst
Cable Induction
Single- and
Multiple-Stroke
Ground Injection
3
Single- and
Multiple-Stroke
Cable Induction
Test Conditions
Waveform
Met by any MQME Filter
Met by an MQME Filter having the
Transient Suppression and Reverse
Polarity Protection Features
Met by any MQME Filter
Met by an MQME Filter having the
Transient Suppression and Reverse
Polarity Protection Features


Similar Part No. - MQME-28-HT-Z-HB

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-28-T SYNQOR-MQME-28-T Datasheet
6Mb / 17P
   Soft-Start circuitry to limit in-rush charging currents
More results

Similar Description - MQME-28-HT-Z-HB

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-28-06S SYNQOR-MQFL-28-06S Datasheet
654Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-28S SYNQOR-MQFL-28-28S Datasheet
643Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-3R3S SYNQOR-MQFL-28-3R3S Datasheet
671Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-7R5S SYNQOR-MQFL-28-7R5S Datasheet
651Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-12D SYNQOR-MQFL-28-12D Datasheet
714Kb / 18P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-15D SYNQOR-MQFL-28-15D Datasheet
717Kb / 18P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-12S SYNQOR-MQFL-28-12S Datasheet
652Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-05S SYNQOR-MQFL-28-05S Datasheet
661Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-09S SYNQOR-MQFL-28-09S Datasheet
655Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-15S SYNQOR-MQFL-28-15S Datasheet
642Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com