Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQME-270-P-U-HB Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # MQME-270-P-U-HB
Description  High Reliability EMI Filter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-270-P-U-HB Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button MQME-270-P-U-HB Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-270-P-U-HB Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-270-P-U-HB Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-270-P-U-HB Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-270-P-U-HB Datasheet HTML 9Page - SynQor Worldwide Headquarters MQME-270-P-U-HB Datasheet HTML 10Page - SynQor Worldwide Headquarters MQME-270-P-U-HB Datasheet HTML 11Page - SynQor Worldwide Headquarters MQME-270-P-U-HB Datasheet HTML 12Page - SynQor Worldwide Headquarters MQME-270-P-U-HB Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Product # MQME-270-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ME027P Rev. 2
03/16/09
Page 10
MQME-270-P
Current: 2A
Technical Specification
CONSTRUCTION AND ENVIRONMENTAL STRESS SCREENING OPTIONS
MilQorconvertersandfiltersareofferedinfourvariationsofconstructiontechniqueandenvironmentalstressscreeningoptions.The
threehighestgrades,C,ES,andHB,alluseSynQor’sproprietaryQorSeal™Hi-RelassemblyprocessthatincludesaParylene-C
coating of the circuit, a high performance thermal compound filler, and a nickel barrier gold plated aluminum case. Each succes-
sivelyhighergradehasmorestringentmechanicalandelectricaltesting,aswellasalongerburn-incycle.TheES-andHB-Grades
arealsoconstructedofcomponentsthathavebeenprocuredthroughanelementevaluationprocessthatpre-qualifieseachnew
batch of devices.
Screening
Consistent with
MIL-STD-883F
C-Grade
(-40 ºC to +100 ºC)
ES-Grade
(-55 ºC to +125 ºC)
(Element Evaluation)
HB-Grade
(-55 ºC to +125 ºC)
(Element Evaluation)
Internal Visual
*
Yes
Yes
Yes
Temperature Cycle
Method 1010
No
Condition B
(-55 ºC to +125 ºC)
Condition C
(-65 ºC to +150 ºC)
Constant
Acceleration
Method 2001
(Y1 Direction)
No
500g
Condition A
(5000g)
Burn-in
Method 1015
Load Cycled
• 10s period
• 2s @ 100% Load
• 8s @ 0% Load
24 Hrs @ +125 ºC
96 Hrs @ +125 ºC
160 Hrs @ +125 ºC
Final Electrical Test
Method 5005
(Group A)
+25 ºC
-45, +25, +100 ºC
-55, +25, +125 ºC
Mechanical Seal,
Thermal, and Coating
Process
Full QorSeal
Full QorSeal
Full QorSeal
External Visual
2009
*
Yes
Yes
Construction Process
QorSeal
QorSeal
QorSeal
* Per IPC-A-610 (Rev. D) Class 3


Similar Part No. - MQME-270-P-U-HB

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-270-R SYNQOR-MQME-270-R Datasheet
6Mb / 15P
   Reverse polarity protection
More results

Similar Description - MQME-270-P-U-HB

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-28E-P SYNQOR-MQME-28E-P Datasheet
1Mb / 13P
   High Reliability EMI Filter
logo
PerkinElmer Optoelectro...
AME270461 PERKINELMER-AME270461_04 Datasheet
108Kb / 6P
   EMI FILTER HYBRID / HIGH RELIABILITY
logo
International Rectifier
AFH461 IRF-AFH461 Datasheet
112Kb / 5P
   EMI FILTER HYBRID - HIGH RELIABILITY
ARF461 IRF-ARF461_15 Datasheet
105Kb / 4P
   EMI FILTER HYBRID / HIGH RELIABILITY
AMH461 IRF-AMH461_15 Datasheet
124Kb / 6P
   EMI FILTER HYBRID / HIGH RELIABILITY
AMH461 IRF-AMH461 Datasheet
173Kb / 5P
   EMI FILTER HYBRID / HIGH RELIABILITY
AME50DS IRF-AME50DS_15 Datasheet
109Kb / 5P
   EMI FILTER HYBRID-HIGH RELIABILITY
AFH461 IRF-AFH461_15 Datasheet
123Kb / 5P
   EMI FILTER HYBRID - HIGH RELIABILITY
AME270461 IRF-AME270461_15 Datasheet
112Kb / 6P
   EMI FILTER HYBRID-HIGH RELIABILITY
AME28461W/ES IRF-AME28461W/ES Datasheet
109Kb / 5P
   EMI FILTER HYBRID-HIGH RELIABILITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com