Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5SCMJ Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # 1.5SCMJ
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

1.5SCMJ Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  1.5SCMJ Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 1.5SCMJ Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 1.5SCMJ Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. 1.5SCMJ Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
* Plastic package
* 1500W surge capability at 1ms
* Glass passivated chip junction in SMC Package
* Excellent clamping capability
* Low Zener lmpedance
* Fast response time: typically less than 1.0ps
from 0 volts to BV min.
* Typical IR less than 1 uA above 10V
* High temperature soldering guaranteed :
260
oC/10 seconds at terminals
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
DEVICES FOR BIDIRECTIONAL APPLICATIONS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
For Bidirectional use C or CA Suffix for types 1.5SCMJ6.8A thru types 1.5SCMJ200A
Electrical characteristics apply in both directions.
1.5SCMJ
SERIES
CHENMKO ENTERPRISE CO.,LTD
NOTES :
2003-01
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Peak Power Dissipation at TA = 25
oC, Tp = 1ms ( Note1 )
Steady State Power Dissipation at TL = 75
oC
Operating and Storage Temperature Range
SYMBOL
PPK
PD
TJ, TSTG
UNITS
Watts
VALUE
Minimum 1500
6.5
-65 to +175
Watts
Peak Forward Surge Current 8.3ms Single Half
Sine-Wave Superimposed on Rated Load ( Note 2 )
IFSM
200
Amps
oC
1. Non-repetitive current pulse, per Fig. 3 and derated above TA = 25
oC per Fig. 2.
2. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
3. P.C.B. mounted 0.31 x 0.31" ( 8 x 8mm) copper pad areas
Case: JEDEC SMC molded plastic
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.007 ounce 0.25 gram
MECHANICAL DATA
1500 WATTS PEAK POWER 6.5 WATTS STEADY STATE
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE-6.8 TO 200 VOLTS
SMC
SMC
Dimensions in inches and (millimeters)
0.245(6.22)
0.220(5.59)
0.103(2.62)
0.079(2.06)
0.060(1.52)
0.030(0.76)
0.012(0.305)
0.008(0.203)(max)
0.006(0.152)
0.280(7.11)
0.260(6.60)
0.125(3.17)
0.115(2.92)
0.320(8.13)
0.305(7.75)
(1)
(2)
(1)
(2)


Similar Part No. - 1.5SCMJ

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
1.5SM100A MERITEK-1.5SM100A Datasheet
505Kb / 4P
   Transient Voltage Suppressors
logo
Shanghai Leiditech Elec...
1.5SMB LEIDITECH-1.5SMB Datasheet
1Mb / 7P
   1500W Transient Voltage Suppressor
1.5SMB100A LEIDITECH-1.5SMB100A Datasheet
1Mb / 7P
   1.5SMB Series 1500W Transient Voltage Suppressor
1.5SMB100A LEIDITECH-1.5SMB100A Datasheet
1Mb / 7P
   1500W Transient Voltage Suppressor
1.5SMB100CA LEIDITECH-1.5SMB100CA Datasheet
1Mb / 7P
   1.5SMB Series 1500W Transient Voltage Suppressor
More results

Similar Description - 1.5SCMJ

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com