Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ24120QGA08PNS Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # PQ24120QGA08PNS
Description  100 Watts, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ24120QGA08PNS Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button PQ24120QGA08PNS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ24120QGA08PNS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ24120QGA08PNS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ24120QGA08PNS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ24120QGA08PNS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ24120QGA08PNS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ24120QGA08PNS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ24120QGA08PNS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ24120QGA08PNS Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
referenced to the return terminal of the 24V input bus. There
are two versions of the
PowerQor series converter that differ
by the sense of the logic used for the ON/OFF input. In the
PQxxyyyQGAzzPxx version, the ON/OFF input is active
high (meaning that a high turns the converter
on). In the
PQxxyyyQGAzzNxx version, the ON/OFF signal is active
low (meaning that a low turns the converter
on). Figure A
details five possible circuits for driving the ON/OFF pin.
Figure B shows detail of the internal ON/OFF circuitry.
Pins 7 and 5 (SENSE(+)): The SENSE(+) inputs correct
for voltage drops along the conductors that connect the con-
verter’s output pins to the load.
Pin 7 should be connected to Vout(+) and Pin 5 should be
connected to Vout(-) at the point on the board where regu-
lation is desired. That is,
[Vout(+) - Vout(-)] [SENSE(+) - SENSE (-)] < 10%Vout
Pins 7 and 5 must be connected for proper regulation of the
output voltage. However, if these connections are not made,
nothing catastrophic will happen to the converter under nor-
mal operating conditions—the converter will simply deliver
an output voltage that is slightly higher than its specified
value.
Note: the output over-voltage protection circuit senses the
voltage across the output (pins 8 and 4) to determine when
it should trigger, not the voltage across the converter’s sense
pins (pins 7 and 5). Therefore, the resistive drop on the
board should be small enough so that output
OVP does not
trigger, even during load transients.
Pin 6 (TRIM): The TRIM input permits the user to adjust the
output voltage across the sense leads up or down. To lower
the output voltage, the user should connect a resistor
between Pin 6 and Pin 5, which is the SENSE(-) input. To
raise the output voltage, the user should connect a resistor
between Pin 6 and Pin 7, which is the SENSE(+) input.
A resistor connected between Pin 6 and Pin 5 will decrease
the output voltage. For a desired decrease of
∆ percent of
the nominal output voltage, the value of this resistor should
be
Product # PQ24120QGA08
Phone 1-888-567-9596
Doc.# 005-2QG212D_A
3/1/02
Page 9
Technical Specification
24Vin 12Vout 8.3A
Quarter
Quarter
Brick
Brick
Rtrim-down =
(
511) - 10.22
%
(k
Ω)
=
(VNOM – VDES) x 100%
VNOM
where
VNOM = Nominal Voltage
VDES = Desired Voltage
and
Open Collector Enable Circuit
Figure A: Various circuits for driving the ON/OFF pin.
Remote Enable Circuit
Direct Logic Drive
Negative Logic
(Permanently Enabled)
Positive Logic
(Permanently Enabled)
ON/OFF
Vin(_)
ON/OFF
ON/OFF
Vin(_)
ON/OFF
5V
TTL/
CMOS
Vin(_)
ON/OFF
Vin(_)
Vin(_)
Figure B: Internal ON/OFF pin circuitry (detail)
TTL
5V
50k
100k
Vin(+)
ON/OFF
Vin(_)
50k
100pF


Similar Part No. - PQ24120QGA08PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24120QGw08xyz SYNQOR-PQ24120QGw08xyz Datasheet
2Mb / 16P
   Industry standard pin-out configuration
More results

Similar Description - PQ24120QGA08PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24150QGA07 SYNQOR-PQ24150QGA07 Datasheet
673Kb / 13P
   100 Watts, No Heatsink, Isolated DC/DC Converter
PQ60060QGA17 SYNQOR-PQ60060QGA17 Datasheet
770Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150QGA07 SYNQOR-PQ48150QGA07 Datasheet
730Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ65180QGA06 SYNQOR-PQ65180QGA06 Datasheet
683Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60012HPAA0 SYNQOR-PQ60012HPAA0 Datasheet
693Kb / 14P
   100 Amp, No Heatsink, Isolated DC/DC Converter
PQ48060QGA17 SYNQOR-PQ48060QGA17 Datasheet
768Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120QGA08 SYNQOR-PQ60120QGA08 Datasheet
1Mb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com