Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ24033QGA25NRS Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # PQ24033QGA25NRS
Description  Quarter-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ24033QGA25NRS Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ24033QGA25NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ24033QGA25NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ24033QGA25NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ24033QGA25NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ24033QGA25NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ24033QGA25NRS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ24033QGA25NRS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ24033QGA25NRS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ24033QGA25NRS Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
18-36 V
18-36 V
3.3 V
3.3 V
25 A
25 A (82.5W)
(82.5W)
Quarter-brick
Quarter-brick
T
Technical S
echnical Specification
pecification
Product # PQ24033QGA25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QG233D Rev. B
08/17/06
Page 11
APPLICATION CONSIDERATIONS
Input System Instability: This condition can occur
because any DC/DC converter appears incrementally as a
negative resistance load. A detailed application note titled
“Input System Instability” is available on the SynQor web site
(www.synqor.com) which provides an understanding of why
this instability arises, and shows the preferred solution for cor-
recting it.
Application Circuits: Figure D below provides a typical cir-
cuit diagram which details the input filtering and voltage trim-
ming.
Input Filtering and External Capacitance: Figure E
below provides a diagram showing the internal input filter com-
ponents. This filter dramatically reduces input terminal ripple
current, which otherwise could exceed the rating of an external
electrolytic input capacitor. The recommended external input
capacitance is specified in the “Input Characteristics” section.
More detailed information is available in the application note
titled “EMI Characteristics” on the SynQor website.
Startup Inhibit Period: The Startup Inhibit Period ensures
that the converter will remain off for at least 200ms when it is
shut down for any reason. When an output short is present,
this generates a 5Hz "hiccup mode," which prevents the con-
verter from overheating. In all, there are seven ways that the
converter can be shut down, initiating a Startup Inhibit Period:
• Input Under-Voltage Lockout
• Input Over-Voltage Shutdown (not present in Quarter-brick)
• Output Over-Voltage Protection
• Over Temperature Shutdown
• Current Limit
• Short Circuit Protection
• Turned off by the ON/OFF input
Figure F shows three turn-on scenarios, where a Startup Inhibit
Period is initiated at t0, t1, and t2:
Before time t0, when the input voltage is below the UVL thresh-
old, the unit is disabled by the Input Under-Voltage Lockout fea-
ture. When the input voltage rises above the UVL threshold, the
Input Under-Voltage Lockout is released, and a Startup Inhibit
Vin
External
Input
Filter
Trim
Vin(+)
Iload
Cload
L
C
Vout(+)
Rtrim-up
or
Rtrim-down
Vsense(+)
ON/OFF
Vin(_)
Vin(+)
Vin(_)
Vout(_)
Vsense(_)
Electrolytic
Capacitor
100µF
Figure D: Typical application circuit (negative logic unit, permanently enabled).
Figure E: Internal Input Filter Diagram (component values listed on page 3).


Similar Part No. - PQ24033QGA25NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25NKS SYNQOR-PQ24033QGL25NKS Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25NNS SYNQOR-PQ24033QGL25NNS Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25NRS SYNQOR-PQ24033QGL25NRS Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25NYS SYNQOR-PQ24033QGL25NYS Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ24033QGA25NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com