Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ24018QGA25PYS Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # PQ24018QGA25PYS
Description  25 Amp, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ24018QGA25PYS Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  PQ24018QGA25PYS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ24018QGA25PYS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ24018QGA25PYS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ24018QGA25PYS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ24018QGA25PYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ24018QGA25PYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ24018QGA25PYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ24018QGA25PYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ24018QGA25PYS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Product # PQ24018QGA25
Phone 1-888-567-9596
Doc.# 005-2QG218D_A
3/1/02
Page 3
Technical Specification
24Vin 1.8Vout 25A
Quarter
Quarter
Brick
Brick
PARAMETER
NOTES and CONDITIONS
PQ24018QGA25
Min.
Typ.
Max.
Units
INPUT CHARACTERISTICS
Operating Input Voltage Range
18
24
36
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
15.5
16.0
16.5
V
Turn-Off Voltage Threshold
14.0
14.5
15.0
V
Lockout Hysteresis Voltage
1.0
1.5
2.0
V
Maximum Input Current
100% Load, 18Vin
3.0
A
No-Load Input Current
60
100
mA
Off Converter Input Current
1.6
3
mA
Input Reflected-Ripple Current
P-P thru 3.3µH inductor; Figures 13 & 15
6
mA
OUTPUT CHARACTERISTICS
Output Voltage Set Point
1.782
1.800
1.816
V
Output Voltage Regulation
Over Line
+0.1 (2)
+0.3 (5)
% (mV)
Over Load
+0.1 (2)
+0.3 (5)
% (mV)
Over Temperature
+9
+27
mV
Total Output Voltage Range
over sample line, load and temperature
1.75
1.85
V
Output Voltage Ripple and Noise
20MHz bandwidth; Figures 13 & 16
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
25
50
mV
RMS
Full Load, 1µF ceramic, 10µF tantalum
612
mV
Operating Output Current Range
025
A
Output DC Current-Limit Inception
Output Voltage 10% Low; Fig. 17 & 18
26
30
34
A
Short-Circuit Protection (redundant shutdown)
52
56
60
A
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
120 Hz; Figure 20
TBD
dB
Output Voltage Current Transient
470µF load cap, 5A/µs; Figure 12
Positive Step Change in Output Current
50% Io to 75% Io
190
mV
Negative Step Change in Output Current
75% Io to 50% Io
190
mV
Settling Time to within 1% Vout nominal
700
µs
Turn-On Transient
Turn-On Time
Full load, Vout=90% nom.; Figs 9 & 10
1
4
8
ms
Start-Up Inhibit Period
-40°C to +125°C; Figure F
180
200
215
ms
Maximum Output Capacitance
Full load; 5% overshoot of Vout at startup
35,000
µF
EFFICIENCY
100% Load
Figure 1
84
%
50% Load
87
%
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
Plastic Package rated to 150°C
125
°C
Board Temperature
Board rated to 165°C
125
°C
Transformer Temperature
Figures 5 - 8
125
°C
ISOLATION CHARACTERISTICS
Isolation Voltage
2000
V
Isolation Resistance
10
M
Isolation Capacitance
470
pF
FEATURE CHARACTERISTICS
Switching Frequency
220
240
260
kHz
ON/OFF Control (Option P)
Off-State Voltage
-2
0.8
V
On-State Voltage
2.4
18
V
ON/OFF Control (Option N)
Off-State Voltage
2.4
18
V
On-State Voltage
-2
0.8
V
ON/OFF Control (Either Option)
Pull-Up Voltage
See circuit diagram; Figure B
Vin/3
9.6
V
Pull-Up Resistance
Pull up to Vin/3
33
k
Output Voltage Trim Range
Across Pins 8 & 4; Figures C & D
-20
+10
%
Output Over-Voltage Protection
Over full temp range; % of nominal Vout
117
122
127
%
Over-Temperature Shutdown
Average PCB Temperature
125
°C
PQ24018QGA25 ELECTRICAL CHARACTERISTICS
TA=25°C, airflow rate=300 LFM, Vin=24Vdc, nominal Vout unless otherwise noted; full operating temperature range is -40°C to
+115°C ambient temperature with appropriate power derating. Specifications subject to change without notice.
Patents: SynQor is protected under various patents, including but not limited to U.S. Patent # 5,999,417.


Similar Part No. - PQ24018QGA25PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24018QGw25xyz SYNQOR-PQ24018QGw25xyz Datasheet
2Mb / 16P
   Industry standard pin-out configuration
PQ24018QGX25 SYNQOR-PQ24018QGX25 Datasheet
2Mb / 16P
   Industry standard pin-out configuration
More results

Similar Description - PQ24018QGA25PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025QGA25 SYNQOR-PQ60025QGA25 Datasheet
753Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48015QGA25 SYNQOR-PQ48015QGA25 Datasheet
1Mb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020QGA25 SYNQOR-PQ48020QGA25 Datasheet
739Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60033QGA25 SYNQOR-PQ60033QGA25 Datasheet
745Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48050HMA25 SYNQOR-PQ48050HMA25 Datasheet
788Kb / 14P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25 SYNQOR-PQ60018QGA25 Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HGA40 SYNQOR-PQ48025HGA40 Datasheet
833Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com