Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ03015VMA15OVS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # NQ03015VMA15OVS
Description  15A Non-Isolated DC/DC Converter in SIP configuration
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ03015VMA15OVS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  NQ03015VMA15OVS Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ03015VMA15OVS Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ03015VMA15OVS Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ03015VMA15OVS Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ03015VMA15OVS Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ03015VMA15OVS Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ03015VMA15OVS Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ03015VMA15OVS Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ03015VMA15OVS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Product # NQ03xxxVMA15
Phone 1-888-567-9596
Doc.# 005-2NV3xxE Rev. E
6/24/04
Page 1
Technical Specification
3.0 - 3.6Vin 15A
Non-Isolated
Non-Isolated
SIP Converter
SIP Converter
The NiQorSIP DC/DC converter is a non-isolated
buck regulator, which employs synchronous rectifi-
cation to achieve extremely high conversion effi-
ciency. The NiQor family of converters are used
predominately in DPA systems using a front end
DC/DC high power brick (48Vin to low voltage bus).
The non-isolated NiQor converters are then used at
the point of load to create the low voltage outputs
required by the design. Typical applications include
telecom/datacom, industrial, medical, transportation,
data processing/storage and test equipment.
15A Non-Isolated DC/DC Converter in SIP configuration
NiQor vertical mount SIP module
Mechanical Features
• Industry standard SIP pin-out configuration
•Industry standard size: 2.0” x 0.55” x 0.29 (50.8 x
14 x 7.3mm)
• Total weight: 0.30 oz. (9.4 g), lower mass greatly
reduces vibration and shock problems
• Open frame construction maximizes air flow cooling
• Available in both vertical and horizontal mounting
Safety Features
• UL 1950 recognized (US & Canada)
• TUV certified to EN60950
• Meets 72/23/EEC and 93/68/EEC directives
which facilitates CE Marking in user’s end product
• Board and plastic components meet UL94V-0 flam-
mability requirements
Operational Features
• Ultra-high efficiency, up to 93% full load, 95% half
• Delivers 15 amps of output current with minimal der-
ating - no heatsink required
• Input voltage range: 3.0 - 3.6V
• Fixed frequency switching provides predictable EMI
performance
• Fast transient response time
• On-board input and output filter capacitor
• No minimum load requirement means no preload
resistors required
Protection Features
• Input under-voltage lockout disables converter at
low input voltage conditions
• Temperature compensated over-current shutdown
protects converter from excessive load current or
short circuits
• Output over-voltage protection protects load from
damaging voltages
• Thermal shutdown
Control Features
• On/Off control
• Output voltage trim (industry standard) permits
custom voltages and voltage margining
• Optional features include remote sense and wide
output voltage trim (0.85V - 2.75V)
Non-Isolated
Non-Isolated


Similar Part No. - NQ03015VMA15OVS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04009HMA15NRN SYNQOR-NQ04009HMA15NRN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15NRS SYNQOR-NQ04009HMA15NRS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15NVN SYNQOR-NQ04009HMA15NVN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15NVS SYNQOR-NQ04009HMA15NVS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15ORN SYNQOR-NQ04009HMA15ORN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
More results

Similar Description - NQ03015VMA15OVS

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NCA015 MURATA-PS-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Astec America, Inc
APA18T04 ASTEC-APA18T04_05 Datasheet
707Kb / 17P
   3.0-5.5Vin, 18A, Non-isolated DC - DC SIP Converter
APA18T12 ASTEC-APA18T12 Datasheet
322Kb / 17P
   12Vin, 75Watts, Non-isolated DC - DC POL SIP Converter
logo
Artesyn Technologies
SIL15 ARTESYN-SIL15 Datasheet
194Kb / 3P
   15A Non-Isolated DC/DC Converters
logo
Murata Power Solutions ...
NFA010 MURATA-PS-NFA010 Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
logo
Murata Manufacturing Co...
NEA-NEF010 MURATA-NEA-NEF010 Datasheet
795Kb / 18P
   Non-Isolated 10A SIP DC/DC Converters
logo
Emerson Network Power
SIL15 EMERSON-NETWORKPOWER-SIL15 Datasheet
114Kb / 3P
   DC/DC CONVERTERS 15A Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com