Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ24033QGA25PNS Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # PQ24033QGA25PNS
Description  Quarter-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ24033QGA25PNS Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button PQ24033QGA25PNS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ24033QGA25PNS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ24033QGA25PNS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ24033QGA25PNS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ24033QGA25PNS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ24033QGA25PNS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ24033QGA25PNS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ24033QGA25PNS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ24033QGA25PNS Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
18-36 V
18-36 V
3.3 V
3.3 V
25 A
25 A (82.5W)
(82.5W)
Quarter-brick
Quarter-brick
T
Technical S
echnical Specification
pecification
Product # PQ24033QGA25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QG233D Rev. B
08/17/06
Page 8
0.001
0.01
0.1
1
10
100
1,000
10,000
100,000
Hz
18 Vin
24 Vin
36 Vin
Figure 19: Magnitude of incremental output impedance (Zout =
vout/iout) for minimum, nominal, and maximum input voltage at full
rated power.
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1,000
10,000
100,000
Hz
18 Vin
24 Vin
36 Vin
Figure 20: Magnitude of incremental forward transmission (FT =
vout/vin) for minimum, nominal, and maximum input voltage at full
rated power.
-60
-50
-40
-30
-20
-10
0
10
10
100
1,000
10,000
100,000
Hz
18 Vin
24 Vin
36 Vin
Figure 21: Magnitude of incremental reverse transmission (RT =
iin/iout) for minimum, nominal, and maximum input voltage at full rated
power.
0.1
1
10
100
10
100
1,000
10,000
100,000
Hz
18 Vin
24 Vin
36 Vin
Figure 22: Magnitude of incremental input impedance (Zin = vin/iin)
for minimum, nominal, and maximum input voltage at full rated power.


Similar Part No. - PQ24033QGA25PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25NKS SYNQOR-PQ24033QGL25NKS Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25NNS SYNQOR-PQ24033QGL25NNS Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25NRS SYNQOR-PQ24033QGL25NRS Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25NYS SYNQOR-PQ24033QGL25NYS Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ24033QGA25PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com