Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ24018QGA25NNS Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # PQ24018QGA25NNS
Description  25 Amp, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ24018QGA25NNS Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ24018QGA25NNS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ24018QGA25NNS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ24018QGA25NNS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ24018QGA25NNS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ24018QGA25NNS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ24018QGA25NNS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ24018QGA25NNS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ24018QGA25NNS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ24018QGA25NNS Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
verter to turn on again when the temperature of the sensed
location falls below 115°C.
APPLICATION CONSIDERATIONS
Input System Instability: This condition can occur
because a dc/dc converter appears incrementally as a
negative resistance load. A detailed application note titled
“Input System Instability” is available on the SynQor web
site (www.synqor.com) which provides an understanding
of why this instability arises, and shows the preferred solu-
tion for correcting it.
Application Circuits:
Figure E below provides a typical
circuit diagram which is useful when using input filtering
and voltage trimming.
Product # PQ24018QGA25
Phone 1-888-567-9596
Doc.# 005-2QG218D_A
3/1/02
Page 11
Technical Specification
24Vin 1.8Vout 25A
Quarter
Quarter
Brick
Brick
18V < Vin < 36V
Input Filtering
Trim
3.3µH
Vin(
+)
Iload
Cload
Vout(
+)
Rtrim-up
or
Rtrim-down
Vsense(
+)
ON/OFF
Vin(_)
Vout(_)
Vsense(_)
Electrolytic
Capacitor
100µF
ESR
≅0.33Ω
Figure E: Typical application circuit (negative logic unit, permanently enabled).


Similar Part No. - PQ24018QGA25NNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24018QGw25xyz SYNQOR-PQ24018QGw25xyz Datasheet
2Mb / 16P
   Industry standard pin-out configuration
PQ24018QGX25 SYNQOR-PQ24018QGX25 Datasheet
2Mb / 16P
   Industry standard pin-out configuration
More results

Similar Description - PQ24018QGA25NNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025QGA25 SYNQOR-PQ60025QGA25 Datasheet
753Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48015QGA25 SYNQOR-PQ48015QGA25 Datasheet
1Mb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020QGA25 SYNQOR-PQ48020QGA25 Datasheet
739Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60033QGA25 SYNQOR-PQ60033QGA25 Datasheet
745Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48050HMA25 SYNQOR-PQ48050HMA25 Datasheet
788Kb / 14P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25 SYNQOR-PQ60018QGA25 Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HGA40 SYNQOR-PQ48025HGA40 Datasheet
833Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com