Part Name
         Description
PQ24033QGA25

 Quarter-brick DC/DC Converter ( 13 Page)


SYNQOR
100% 
Zoom Out Zoom In
 
 5 page
background image
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
18-36 V
18-36 V
3.3 V
3.3 V
25 A
25 A (82.5W)
(82.5W)
Quarter-brick
Quarter-brick
T
Technical S
echnical Specification
pecification
Product # PQ24033QGA25
Phone 1-888-567-9596
Doc.# 005-2QG233D Rev. B
08/17/06
Page 5
60
65
70
75
80
85
90
95
0
3
5
8
10
13
15
18
20
23
25
Load Current (A)
18Vin
24Vin
36Vin
Figure 1: Efficiency at nominal output voltage vs. load current for min-
imum, nominal, and maximum input voltage at 25°C.
82
83
84
85
86
87
88
89
90
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Figure 2: Efficiency at nominal output voltage and 60% rated power vs.
airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C
(nominal input voltage).
0
2
4
6
8
10
12
14
0
3
5
8
10
13
15
18
20
23
25
Load Current (A)
18Vin
24Vin
36Vin
Figure 3: Power dissipation at nominal output voltage vs. load current
for minimum, nominal, and maximum input voltage at 25°C.
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Figure 4: Power dissipation at nominal output voltage and 60% rated
power vs. airflow rate for ambient air temperatures of 25°C, 40°C, and
55°C (nominal input voltage).
0
5
10
15
20
25
025
40
55
70
85
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 5: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 0 LFM through 400 LFM with air flowing
from input to output (nominal input voltage).
Figure 6: Thermal plot of converter at 20 amp load current with 55°C
air flowing at the rate of 200 LFM. Air is flowing across the converter
from input to output (nominal input voltage).
Semiconductor junction temperature is
within 1°C of surface temperature



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DQ65033QKA04Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
DQ65033QMA06Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
DQ61212QMA06Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
DQ62412QKA02Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
S020-1220120-FBDC/DC Converter 12.0V input 1.2 to 5.0V adjustable output 20A or 55W 1 2 3 4 5 MoreC&D Technologies
6-PAKPROGRAMMABLE DC/DC CONVERTER Coming SoonC&D Technologies
IHB60S2403C60 Watt Single Output Half Brick DC/DC Converter 1 2 3 4 Murata Power Solutions Inc.
VKP100MT312100 Watt Dual/Triple Output Half Brick DC/DC Converter 1 2 3 4 5 MoreMurata Power Solutions Inc.
BQ50120QTA20Quarter-brick DC Bus Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
DQ65033QGL10Dual Output High Efficiency Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl