Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQME-28-P-Z-ES Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # MQME-28-P-Z-ES
Description  HIIGH RELLIIABIILLIITTY EMI FIILLTTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-28-P-Z-ES Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button MQME-28-P-Z-ES Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-28-P-Z-ES Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-28-P-Z-ES Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-28-P-Z-ES Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-28-P-Z-ES Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-28-P-Z-ES Datasheet HTML 9Page - SynQor Worldwide Headquarters MQME-28-P-Z-ES Datasheet HTML 10Page - SynQor Worldwide Headquarters MQME-28-P-Z-ES Datasheet HTML 11Page - SynQor Worldwide Headquarters MQME-28-P-Z-ES Datasheet HTML 12Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Product # MQME-28-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ME028P Rev. A
5/1/08
Page 11
Current:
Current: 20 A
20 A
MQME-28-P
MQME-28-P
T
T
T
Te
e
e
ec
c
c
ch
h
h
hn
n
n
niiiic
c
c
ca
a
a
allll S
S
S
Sp
p
p
pe
e
e
ec
c
c
ciiiiffffiiiic
c
c
ca
a
a
attttiiiio
o
o
on
n
n
n
Pin #
Function
1
POSITIVE INPUT
2
POSITIVE INPUT
3
POSITIVE INPUT
4
INPUT RETURN
5
INPUT RETURN
6
INPUT RETURN
7
OUTPUT RETURN
8
OUTPUT RETURN
9
OUTPUT RETURN
10
POSITIVE OUTPUT
11
POSITIVE OUTPUT
12
POSITIVE OUTPUT
PACKAGE PINOUTS
MQME-28-P-X-HB
EMI FILTER
28Vin 20A 320W
MQME-28-P-Y-HB
EMI FILTER
28Vin 20A 320W
NOTES
1) Case: Aluminum with gold over nick-
el plate finish for the C-, ES-, and HB-
Grade products.
Aluminum with black anodized finish
for the B-Grade products.
2) Pins: Diameter: 0.040” (1.02mm)
Material: Copper
Finish: Gold over Nickel plate
3) All dimensions as inches (mm)
4) Tolerances: a) x.xx +0.02”
(x.x +0.5mm)
b) x.xxx +0.010”
(x.xx +0.25mm)
5) Weight: 2.8 oz. (79 g) typical
6) Workmanship: Meets or exceeds IPC-
A-610C Class III


Similar Part No. - MQME-28-P-Z-ES

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-28-T SYNQOR-MQME-28-T Datasheet
6Mb / 17P
   Soft-Start circuitry to limit in-rush charging currents
More results

Similar Description - MQME-28-P-Z-ES

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-28-06S SYNQOR-MQFL-28-06S Datasheet
654Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-28S SYNQOR-MQFL-28-28S Datasheet
643Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-3R3S SYNQOR-MQFL-28-3R3S Datasheet
671Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-7R5S SYNQOR-MQFL-28-7R5S Datasheet
651Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-12D SYNQOR-MQFL-28-12D Datasheet
714Kb / 18P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-15D SYNQOR-MQFL-28-15D Datasheet
717Kb / 18P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-12S SYNQOR-MQFL-28-12S Datasheet
652Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-05S SYNQOR-MQFL-28-05S Datasheet
661Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-09S SYNQOR-MQFL-28-09S Datasheet
655Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-15S SYNQOR-MQFL-28-15S Datasheet
642Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com