Electronic Components Datasheet Search |
|
NQ60T60QGC20NNS-G Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters |
|
NQ60T60QGC20NNS-G Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters |
3 / 9 page Product # NQ60x60QGC20 Phone 1-888-567-9596 www.synqor.com Doc.# 005-NQ6060W Rev. B 03/16/09 Page 3 Input: Outputs: Current: Package: 9 - 60 V 0 - 60 V 20 A Quarter-brick Technical Specification NQ60x60QGC20 ELECTRICAL CHARACTERISTICS Ta = 25 °C, airflow rate = 300 LFM, Vin = 24 V dc unless otherwise noted; full operating temperature range is -40 °C to +105 °C ambient temperature with appropriate power derating. Specifications subject to change without notice. Parameter Vout Min. Typ. Max. Units Notes & Conditions ABSOLUTE MAXIMUM RATINGS Input Voltage Non-Operating All 0 80 V Continuous Operating All 60 V Continuous Storage Temperature All -55 125 °C Voltage at ON/OFF input pin All 0 5.5 V RECOMMENDED OPERATING CONDITIONS Input Voltage Range All 9 60 V Turn on at 10V Input Fuse Rating All 25 A Fast blow external fuse recommended Input Current 20 A Input current max equals output rated current External Input Capacitance All 100 µF ESR < 1.5 Ω Output Voltage All 0 60 V Output Current All 0 20 A Output voltage dependent INPUT CHARACTERISTICS Input Under-Voltage Lockout Turn-On Voltage Threshold All 9.2 9.5 10 V Turn-Off Voltage Threshold All 8.1 8.5 8.9 V Lockout Hysteresis All 1.0 V Input Current Limit All 24 A No-Load Input Current 12 93 mA “ 24 85 mA “ 48 235 mA Disabled Input Current All 35 mA Input Filter Components Value (C\L\C) All 8.8\2.2\26.4 µF\µH\µF OUTPUT CHARACTERISTICS Output Voltage Range All 0 60 V Set output by Rtrim resistor Operating Output Current Range All 0 20 A Output Voltage Regulation Total Output Voltage Range All ±480 mV ±4%*Vout Sense pin, over sample, line, load, temp. & life Output Voltage Ripple and Noise (pk-pk/36Vin) 12 15 mV 36 Vin Full Load; 100uF; 20 MHz b.w. “ 24 15 mV " “ 48 40 mV Output DC Over Current limit All 24 A Effective on input, output condition External Output Capacitance All 0 1000 µF ESR > 1 mΩ C Option: Isense voltage No load All 1.25 V Full load All 1.83 V 20 A load Output resistance of Isense All 10 kΩ C Option: Itrim voltage Voltage at no load All 0.12 V Voltage at maximum load All 2.12 V 20 A load Pull-Up Resistance of Itrim Pin All 10.2 kΩ Pull-Up Voltage All 2.5 V C Option: Reverse Current All 2 µA Enabled or Disabled TEMP LIMITS FOR POWER DERATING Semiconductor Junction Temperature All 125 °C Package rated to 150 °C Board Temperature All 125 °C ULrated max operating temp 130 °C Baseplate Temperature All 100 °C EFFICIENCY 100% Load; 24 Vin 12 92 % “ ; 48 Vin 24 95 % “ ; 24 Vin 48 94 % W mode only 50% Load; 24 Vin 12 94 % “ ; 48 Vin 24 95 % “ ; 24 Vin 48 95 % W mode only |
Similar Part No. - NQ60T60QGC20NNS-G |
|
Similar Description - NQ60T60QGC20NNS-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |