Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ03012HMA15NVN Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # NQ03012HMA15NVN
Description  15A Non-Isolated DC/DC Converter in SIP configuration
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ03012HMA15NVN Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button NQ03012HMA15NVN Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ03012HMA15NVN Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ03012HMA15NVN Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ03012HMA15NVN Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ03012HMA15NVN Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ03012HMA15NVN Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ03012HMA15NVN Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ03012HMA15NVN Datasheet HTML 9Page - SynQor Worldwide Headquarters NQ03012HMA15NVN Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Product # NQ03xxxVMA15
Phone 1-888-567-9596
Doc.# 005-2NV3xxE Rev. E
6/24/04
Page 6
Technical Specification
3.0 - 3.6Vin 15A
Non-Isolated
Non-Isolated
SIP Converter
SIP Converter
STANDARDS COMPLIANCE
Parameter P
Notes
STANDARDS COMPLIANCE
UL/cUL 60950
File # E194341
EN60950
Certified by TUV
72/23/EEC
93/68/EEC
Needle Flame Test (IEC 695-2-2)
test on entire assembly; board & plastic components UL94V-0 compliant
IEC 61000-4-2
ESD test, 8kV - NP, 15kV air - NP (Normal Performance)
GR-1089-CORE
Section 7 - electrical safety, Section 9 - bonding/grounding
Telcordia (Bellcore) GR-513
• An external input fuse must always be used to meet these safety requirements. Contact SynQor for official safety
certificates on new releases or download from the SynQor website.
QUALIFICATION TESTING
Parameter P
# Units
Test Conditions
QUALIFICATION TESTING
Life Test
32
95% rated Vin and load, units at derating point, 1000 hours
Vibration
5
10-55Hz sweep, 0.060” total excursion,1 min./sweep, 120 sweeps for 3 axis
Mechanical Shock
5
100g minimum, 2 drops in x and y axis, 1 drop in z axis
Temperature Cycling
10
-40°C to 100°C, unit temp. ramp 15°C/min., 500 cycles
Power/Thermal Cycling
5
Toperating = min to max, Vin = min to max, full load, 100 cycles
Design Marginality
5
Tmin-10°C to Tmax+10°C, 5°C steps, Vin = min to max, 0-105% load
Humidity
5
85°C, 85% RH, 1000 hours, continuous Vin applied except 5min./day
Solderability
15 pins
MIL-STD-883, method 2003
Extensive characterization testing of all SynQor products and manufacturing processes is performed to ensure that we supply
robust, reliable product. Contact factory for official product family qualification document.
OPTIONS
SynQor provides various options for Packaging, Enable Logic, Pin
Length and Feature Set for this family of DC/DC converters.
Please consult the last page of this specification sheet for infor-
mation on available options.
PATENTS
SynQor is protected under various patents, including but not lim-
ited to U.S. Patent numbers: 5,999,417; 6,222,742 B1;
6,594,159 B2; 6,545,890 B2.
ELECTRICAL CHARACTERISTICS (continued) - NQ03xxxVMA15 Series
NOTES
Note 1: Maintain a minimum of 0.35V headroom between input and output voltage to meet performance specifications.
Note 2: Wide trim option unit will perform as the model with the output voltage that it is trimmed to. Applies to all specifcations where values differ by Vout.
Note 3: Tantalum or similar with additional ceramic as needed to reduce ripple current in external capacitors. See Figure 21. Output capacitance of
<1000µF. Additional input capacitance equal to half of the output capacitance is recommended when more than 1000µF of output capacitance is used.
Consult factory for more demanding applications. Also refer to Application Considerations section of this datasheet.
Note 4: The over-current shutdown threshold for a short over-current pulse can be as high as 50A when trimming up a wide trim unit above 1.2V.
Note 5: Larger input capacitance of at least half of the output capacitance is recommended when using >1000µF on a 2.5V output.
Note 6: When trimming the output voltage to less than 0.88V with more than 1000µF of output capacitance, consult factory for trim circuit recommendations.
Note 7: Power derating curves are measured using an evaluation board consisting of 6 layers of 2 ounce copper.
Note 8: Wide trim option unit has a setpoint of 0.9V and a trim range of 0.85V-2.75V.
Note 9: In remote sense applications, when trimming down, the trim-down resistor should be connected to the sense pin for more accurate trimming results.
Note 10: Indicates worst case specification for 0.9V unit. Higher output voltage units have a tighter specification range. The wide-trim unit carries the OVP
set point of a 2.5Vout unit, which has a worst-case maximum OVP trip level of 135%.


Similar Part No. - NQ03012HMA15NVN

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04009HMA15NRN SYNQOR-NQ04009HMA15NRN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15NRS SYNQOR-NQ04009HMA15NRS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15NVN SYNQOR-NQ04009HMA15NVN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15NVS SYNQOR-NQ04009HMA15NVS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15ORN SYNQOR-NQ04009HMA15ORN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
More results

Similar Description - NQ03012HMA15NVN

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NCA015 MURATA-PS-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Astec America, Inc
APA18T04 ASTEC-APA18T04_05 Datasheet
707Kb / 17P
   3.0-5.5Vin, 18A, Non-isolated DC - DC SIP Converter
APA18T12 ASTEC-APA18T12 Datasheet
322Kb / 17P
   12Vin, 75Watts, Non-isolated DC - DC POL SIP Converter
logo
Artesyn Technologies
SIL15 ARTESYN-SIL15 Datasheet
194Kb / 3P
   15A Non-Isolated DC/DC Converters
logo
Murata Power Solutions ...
NFA010 MURATA-PS-NFA010 Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
logo
Murata Manufacturing Co...
NEA-NEF010 MURATA-NEA-NEF010 Datasheet
795Kb / 18P
   Non-Isolated 10A SIP DC/DC Converters
logo
Emerson Network Power
SIL15 EMERSON-NETWORKPOWER-SIL15 Datasheet
114Kb / 3P
   DC/DC CONVERTERS 15A Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com