Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ20T20ETC20NNC-G Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # NQ20T20ETC20NNC-G
Description  Eighth-brick DC-DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ20T20ETC20NNC-G Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  NQ20T20ETC20NNC-G Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ20T20ETC20NNC-G Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ20T20ETC20NNC-G Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ20T20ETC20NNC-G Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ20T20ETC20NNC-G Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ20T20ETC20NNC-G Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ20T20ETC20NNC-G Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ20T20ETC20NNC-G Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ20T20ETC20NNC-G Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Technical
Specification
NQ20x20ETC20
Product # NQ20x20ETC20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-NS2020W Rev. C
03/06/09
Page 1
NiQor eighth-brick module
Non-Isolated
•Ultrahighefficiency,upto95%
•Deliversupto20Aofoutputcurrent
•InputVoltageRange:9-20V
•Outputvoltagerange:0-20V(negativeoutputispossible)
•Extensiveon-boardinputandoutputfiltering
•Nominimumloadrequirementmeansnopreload
resistorsrequired
•Buckorbuck-boostmodeavailable
•Adjustablecurrentlimitwithcurrentmonitor(Coption)
Operational Features
•Inputunder-voltagelockoutprotectstheconverteratlow
inputvoltageconditions
•Over-currentshutdownprotectsconverterfromexcessive
loadcurrentorshortcircuits
•Input/outputover-voltageprotectionprotectsload
andregulatorfromdamagingvoltages
•Thermalshutdownprotectsconverterfromabnormal
environmentalconditions
Protection Features
•UL/cUL60950-1recognized(US&Canada)
•TUVcertifiedtoEN60950-1
•BoardandplasticcomponentsmeetUL94V-0
flammabilityrequirements
Safety Features
•Industrystandardeighth-brickpin-outconfiguration
•Size:0.99"x2.39"(25x60.6mm)
•Totalheightonly0.50"(12.7mm)
•Totalweight:1.7oz(48grams)
Mechanical Features
•On/Offcontrol
•Outputvoltagetrimpermitscustomvoltages
•RemoteSense(Soption,standard)
•Currentlimittrim(Coption)
Control Features
TheNiQor®eighth-brickdc-dcconverterisanon-isolated
buck-boost regulator, which employs synchronous
rectificationtoachieveextremelyhighconversionefficiency.
TheHighInputVoltageNiQorBrickfamilyofconverterscan
beusedintraditionalDPA(distributedpowerarchitecture)
systems or provide a regulated output voltage from a
batterysourceorothervariablevoltagesource.TheNiQor
BrickfamilycanbeconfiguredtoBucktheinputvoltage
downtoalowervoltageorBoosttheinputvoltageuptoa
highervoltageusingasingleexternalresistor.Themodule
isRoHS6/6compliant(seelastpage).
9 - 20 V
0 - 20 V
20 A
Non-
Eighth-brick
Continuous Input
Outputs
Current
Isolated
DC-DC Converter


Similar Part No. - NQ20T20ETC20NNC-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ20T20EGC10NKC-G SYNQOR-NQ20T20EGC10NKC-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20T20EGC10NKS-G SYNQOR-NQ20T20EGC10NKS-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20T20EGC10NNC-G SYNQOR-NQ20T20EGC10NNC-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20T20EGC10NNS-G SYNQOR-NQ20T20EGC10NNS-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20T20EGC10NRC-G SYNQOR-NQ20T20EGC10NRC-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
More results

Similar Description - NQ20T20ETC20NNC-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com