Electronic Components Datasheet Search |
|
MQME-28-P-Z-C Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters |
|
MQME-28-P-Z-C Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters |
8 / 12 page Product # MQME-28-P Phone 1-888-567-9596 www.synqor.com Doc.# 005-2ME028P Rev. A 5/1/08 Page 8 Current: Current: 20 A 20 A MQME-28-P MQME-28-P T T T Te e e ec c c ch h h hn n n niiiic c c ca a a allll S S S Sp p p pe e e ec c c ciiiiffffiiiic c c ca a a attttiiiio o o on n n n RTCA/DO-160E SECTION 22 COMPLIANCE MATRIX (LIGHTNING INDUCED TRANSIENT SUSCEPTIBILITY) The following table shows the RTCA/DO-160 Section 22 requirements that have been met* by a stand-alone setup comprised of: - MQME-28-P (or –T) Filter - MQFL-28-05S DC/DC Converter - Resistive Load - Metal Chassis Plane - Unshielded Power Cable Bundle * Requirement is deemed to have been met as long as transient deviations in the converter’s output voltage remain within ±10% of its initial value. † For these waveforms at Level 3 and above, an external transient suppressor of sufficient energy rating must placed across the filter’s input pins to keep the differential transient input voltage below +200V/-50V. Negative polarity waveforms may cause power flow to the converter to be interrupted long enough to cause a graceful shutdown and restart of the converter. Also, the reverse voltage pro- tection feature of the -T filter is required to protect the converter (but not the filter) from negative polarity waveform. ** For this waveform at a Level 4 and above, external transient suppressors of sufficient energy rating must be added between the fil- ter’s input power pins and its case to keep the common-mode transient input voltage below +800V. 4 4 4 4 4 ** 4† 4† 4 Maximum Level Passed Signal applied between metal ground plane and system ground 4 5a Signal applied to unshielded power cable bundle 2 Signal applied to +Vin pin. Input Return pin connected to system ground 3 4 5a Pin Injection Signal applied to unshielded power cable bundle 3 Multiple-Burst Cable Induction Single- and Multiple-Stroke Ground Injection 3 Single- and Multiple-Stroke Cable Induction Test Conditions Waveform 4 4 4 4 4 ** 4† 4† 4 Maximum Level Passed Signal applied between metal ground plane and system ground 4 5a Signal applied to unshielded power cable bundle 2 Signal applied to +Vin pin. Input Return pin connected to system ground 3 4 5a Pin Injection Signal applied to unshielded power cable bundle 3 Multiple-Burst Cable Induction Single- and Multiple-Stroke Ground Injection 3 Single- and Multiple-Stroke Cable Induction Test Conditions Waveform Met by any MQME Filter Met by an MQME Filter having the Transient Suppression and Reverse Polarity Protection Features Met by any MQME Filter Met by an MQME Filter having the Transient Suppression and Reverse Polarity Protection Features |
Similar Part No. - MQME-28-P-Z-C |
|
Similar Description - MQME-28-P-Z-C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |