Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ20T20ETC20NKS-G Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # NQ20T20ETC20NKS-G
Description  Eighth-brick DC-DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ20T20ETC20NKS-G Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  NQ20T20ETC20NKS-G Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ20T20ETC20NKS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ20T20ETC20NKS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ20T20ETC20NKS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ20T20ETC20NKS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ20T20ETC20NKS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ20T20ETC20NKS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ20T20ETC20NKS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ20T20ETC20NKS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Product # NQ20x20ETC20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-NS2020W Rev. C
03/06/09
Page 5
Input:
Outputs:
Current:
Package:
9 - 20 V
0 - 20 V
20 A
Eighth-brick
Technical Specification
Figure 6: Output Voltage Ripple at 10 V input voltage and rated load
current (20mV/div). Zero load capacitance. Bandwidth: 20 MHz. See
Figure 4.
12 Vout
5.0 Vout
3.3 Vout
20 Vout
Figure 5: Input Terminal Ripple Current at 10 V input voltage and rated
load current (500 mA/div). Bandwidth: 20 MHz. See Figure 4.
3.3 Vout
5.0 Vout
12 Vout
20 Vout
60
65
70
75
80
85
90
95
100
0
4
8
12
16
20
Load Current (A)
12Vin 20Vout
12Vin 5Vout
12Vin 3.3Vout
20Vin 12Vout
20Vin 5Vout
20Vin 3.3Vout
Figure 1: Efficiency at different output voltage vs. load current for dif-
ferent input voltage at 25 °C.
0
5
10
15
20
0
4
8
12
16
20
Load Current (A)
12Vin 20Vout
12Vin 5Vout
12Vin 3.3Vout
20Vin 12Vout
20Vin 5Vout
20Vin 3.3Vout
Figure 2: Power dissipation at different output voltage vs. load current
for different input voltage at 25 °C.
Figure 4: Test set-up diagram showing measurement points for Input
Terminal Ripple Current (Figure 5), and Output Voltage Ripple (Figure 6).
1µH
source
impedance
See Fig. 5
See Fig. 6
iC
100µF
100mWESR
tantalum
capacitor
C*
VSOURCE
iS
VOUT
VIN
*Seevaluesforrecommendedexternalinputcapacitance.
Inductoroptionalasneeded.
Dc-dc
Converter
0
3
6
9
12
15
18
21
8
10
12
14
16
18
20
Input Voltage (V)
Tb=80 C; Vout=5 V
Tb=100 C; Vout=5 V
Tb=80 C; Vout=12 V
Tb=100 C; Vout=12 V
Tb=80 C; Vout=20 V
Tb=100 C; Vout=20 V
Figure 3: Maximum output power derating curve with a controlled
baseplate temperature of 80
ºC and 100ºC.


Similar Part No. - NQ20T20ETC20NKS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ20T20EGC10NKC-G SYNQOR-NQ20T20EGC10NKC-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20T20EGC10NKS-G SYNQOR-NQ20T20EGC10NKS-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20T20EGC10NNC-G SYNQOR-NQ20T20EGC10NNC-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20T20EGC10NNS-G SYNQOR-NQ20T20EGC10NNS-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
NQ20T20EGC10NRC-G SYNQOR-NQ20T20EGC10NRC-G Datasheet
711Kb / 9P
   Eighth-brick DC-DC Converter
More results

Similar Description - NQ20T20ETC20NKS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com