Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ16W50SMA16OSN-G Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # NQ16W50SMA16OSN-G
Description  SMT Surface Mount
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ16W50SMA16OSN-G Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  NQ16W50SMA16OSN-G Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ16W50SMA16OSN-G Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ16W50SMA16OSN-G Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ16W50SMA16OSN-G Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ16W50SMA16OSN-G Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ16W50SMA16OSN-G Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ16W50SMA16OSN-G Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ16W50SMA16OSN-G Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ16W50SMA16OSN-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Product # NQ16W50SMA16
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2NS12WE Rev. A
11/26/07
Page 3
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
6.0 - 16.0V
6.0 - 16.0V
0.75 - 5.0V
0.75 - 5.0V
16A
16A
SMT
SMT
T
Technical S
echnical Specification
pecification
Parameter
Module
Min.
Typ.
Max.
Units Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
All
0
18
V
Continuous
Operating
All
16
V
Continuous
Operating Temperature
All
-40
105
°C
Storage Temperature
All
-55
125
°C
Voltage at ON/OFF input pin
All
-3
15
V
RECOMMENDED OPERATING CONDITIONS
Input Voltage Range
All
6
16
V
Input Fuse Rating
All
20
A
Fast blow external fuse recommended
External Input Capacitance
All
100
µF
ESR<1.5W
Output Voltage
All
0.75
5.5
V
Output Current
All
0
16
A
INPUT CHARACTERISTICS
Input Under-Voltage Lockout
Turn-On Voltage Threshold
All
5.35
5.73
6.10
V
Turn-Off Voltage Threshold
All
4.50
4.73
4.95
V
Lockout Hysteresis
All
1
V
Maximum Input Current
0.75V
2.8
A
6Vin, 100% load
2.5V
7.5
A
5.0V
14.0
A
No-Load Input Current
0.75V
31
mA
12Vin
2.5V
71
mA
5.0V
132
mA
Disabled Input Current
All
3
mA
Inrush Current Transient Rating
All
0.1
A2s
With min. output capacitance
Input Filter Capacitor Value
All
30
µF
Input Reflected-Ripple Current
0.75V
36
mA
12Vin, 100% load, pk-pk value
2.5V
68
mA
5.0V
98
mA
OUTPUT CHARACTERISTICS
Output Voltage Set Point
0.75V
0.745
0.75
0.755
V
12Vin 50% load
Output Voltage Range
All
0.75
5.0
V
Set output by Rtrim-up
Operating Output Current Range
All
0
16
A
Output Voltage Regulation
Over Line
All
0.5
%
With sense pin
Over Load
All
0.5
%
Over Temperature
All
1
%
Total Output Voltage Range
All
3
%
With sense pin, over sample, line, load, temp. & life
Output Voltage Ripple and Noise (pk-pk\RMS)
1.0V
27\5.0
mV
Full load; 20MHz bandwidth
2.5V
43\11.6
mV
5.0V
67\20.4
mV
Output DC Over Current Shutdown
All
20
24
28
A
External Output Capacitance
All
100
5000
µF
>0.5mW
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
All
50
dB
120Hz
Output Voltage during Current Transient
For a Step Change in Output Current (0.1A/µs)
All
180
mV
50%-75%-50% Iout max; 100uF
For a Step Change in Output Current (3A/µs)
All
180
mV
50%-75%-50% Iout max; 470uF
Settling Time
All
100
µs
To within 1.5% Vout nom.
Turn on Transient
Inhibit Time
All
2
4
ms
Resistive load
Rise Time
All
2
6
ms
Output Voltage Overshoot
All
0
V
EFFICIENCY
100% Load
0.75V
77.0
%
2.5V
90.0
%
5.0V
94.0
%
50% Load
0.75V
81.0
%
2.5V
91.5
%
5.0V
94.0
%
ELECTRICAL CHARACTERISTICS - NQ16W50SMA16 Series
TA=25°C, airflow rate=300 LFM, Vin=12Vdc unless otherwise noted; full operating temperature range is -40°C to +105°C ambient tem-
perature with appropriate power derating. Specifications subject to change without notice.


Similar Part No. - NQ16W50SMA16OSN-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ16W50SKA10 SYNQOR-NQ16W50SKA10 Datasheet
532Kb / 13P
   SMT Surface Mount
NQ16W50SKA10OSN-G SYNQOR-NQ16W50SKA10OSN-G Datasheet
532Kb / 13P
   SMT Surface Mount
NQ16W50SKA10OSS-G SYNQOR-NQ16W50SKA10OSS-G Datasheet
532Kb / 13P
   SMT Surface Mount
NQ16W50SKA10PSN-G SYNQOR-NQ16W50SKA10PSN-G Datasheet
532Kb / 13P
   SMT Surface Mount
NQ16W50SKA10PSS-G SYNQOR-NQ16W50SKA10PSS-G Datasheet
532Kb / 13P
   SMT Surface Mount
More results

Similar Description - NQ16W50SMA16OSN-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ15W50SGA30 SYNQOR-NQ15W50SGA30 Datasheet
1,022Kb / 11P
   SMT Surface Mount
NQ04W33SMA16 SYNQOR-NQ04W33SMA16 Datasheet
517Kb / 13P
   SMT Surface Mount
NQ16W50SKA10 SYNQOR-NQ16W50SKA10 Datasheet
532Kb / 13P
   SMT Surface Mount
NQ04W33SKA10 SYNQOR-NQ04W33SKA10 Datasheet
516Kb / 13P
   SMT Surface Mount
NQ10W50PKA07 SYNQOR-NQ10W50PKA07 Datasheet
617Kb / 14P
   SMT Surface Mount Package
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-A401-U80M1 AVAGO-HSMA-A401-U80M1 Datasheet
197Kb / 10P
   SMT LED Surface Mount LED Indicator
HSMX-A4XX-XXXXX AVAGO-HSMX-A4XX-XXXXX Datasheet
1Mb / 9P
   SMT LED Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMC-A400-S30M1 BOARDCOM-HSMC-A400-S30M1 Datasheet
765Kb / 15P
   SMT LED Surface-Mount LED Indicator
logo
List of Unclassifed Man...
095516678XX741 ETC2-095516678XX741 Datasheet
171Kb / 8P
   Surface Mount Technology (SMT) board connectors
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A46X-XXXXX AVAGO-HSMX-A46X-XXXXX Datasheet
279Kb / 10P
   SMT LED Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com