Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ12025SMA16PSS Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # NQ12025SMA16PSS
Description  16A Non-Isolated, SMT DC/DC Converter with wide trim
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ12025SMA16PSS Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  NQ12025SMA16PSS Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ12025SMA16PSS Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ12025SMA16PSS Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ12025SMA16PSS Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ12025SMA16PSS Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ12025SMA16PSS Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ12025SMA16PSS Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ12025SMA16PSS Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ12025SMA16PSS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Product # NQ12T50SMA16
Phone 1-888-567-9596
Doc.# 005-2NS12TE Rev. A
5/28/04
Page 2
Technical Specification
9.6 - 14.4Vin 16A
Non-Isolated
Non-Isolated
SMT Converter
SMT Converter
Pin No.
Name
Function
1
GND
Ground
2
Vout(+)
Positive output voltage
3
TRIM
Output Voltage Trim
4
SENSE(+)
Positive remote sense
5
Vin(+)
Positive input voltage
6
ON/OFF
Input to turn converter on/off
NOTES
1) SMT Contacts: Material - Brass
Finish - Gold over Nickel plate
2) Undimensioned components are shown for visual
reference only.
3) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
4) Coplanarity for pins 1-6 is 0.004” max
5) Weight: 0.18 oz. (5 g) typical
6) Vertical and horizontal SIP pin options also available.
7) Workmanship: Meets or exceeds IPC-A-610C Class II
1.177
(29.90)
0.487
(12.37)
0.297
(7.54)
0.677
(17.20)
0.867
(22.02)
0.53
(13.5)
0.405
(10.29)
0.048
(1.22)
see Note 4
0.075
(1.91)
0.025
(0.64)
0.063
(1.6)
0.288+.018
(7.32+0.45)
0.012+.007
(0.3+0.17)
0.100
(2.54)
1.30
(33.0)
1
23
4
6
5
Surface Mount Package
Side View
Bottom View
SMT CONTACT DESIGNATIONS
MECHANICAL
DIAGRAM
Typ.
Bottomside
Clearance
0.063
(1.60)
Typ.
Recommended SMT Pad Size:
Minimum: 0.074” x 0.122” (1.88mm x 3.1mm)
Maximum: 0.095” x 0.140” (2.41mm x 3.56mm)


Similar Part No. - NQ12025SMA16PSS

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
NQ10M250D HUBBELL-NQ10M250D Datasheet
276Kb / 2P
   Yellow Female Disconnect, #12 - 10 AWG
logo
SynQor Worldwide Headqu...
NQ10W50PKA07 SYNQOR-NQ10W50PKA07 Datasheet
617Kb / 14P
   SMT Surface Mount Package
NQ10W50PKA07QS1-G SYNQOR-NQ10W50PKA07QS1-G Datasheet
617Kb / 14P
   SMT Surface Mount Package
NQ10W50PKA07QS2-G SYNQOR-NQ10W50PKA07QS2-G Datasheet
617Kb / 14P
   SMT Surface Mount Package
NQ10W50PKA07QS3-G SYNQOR-NQ10W50PKA07QS3-G Datasheet
617Kb / 14P
   SMT Surface Mount Package
More results

Similar Description - NQ12025SMA16PSS

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NFA016 MURATA-PS-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
LSM16A-W3 MURATA-LSM16A-W3 Datasheet
350Kb / 12P
   Non-Isolated, Wide Input SMT DC/DC Converters
logo
SynQor Worldwide Headqu...
NQ04009VMA15NRS SYNQOR-NQ04009VMA15NRS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
logo
Toppower Electronic Tec...
TP785.5-10 TOPPOWER-TP785.5-10 Datasheet
214Kb / 2P
   Wide Input&output Non-Isolated & Regulated DC/DC converter
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com