Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ03009HMA15NRS Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # NQ03009HMA15NRS
Description  15A Non-Isolated DC/DC Converter in SIP configuration
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ03009HMA15NRS Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button NQ03009HMA15NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ03009HMA15NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ03009HMA15NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ03009HMA15NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ03009HMA15NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ03009HMA15NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ03009HMA15NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters NQ03009HMA15NRS Datasheet HTML 10Page - SynQor Worldwide Headquarters NQ03009HMA15NRS Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Product # NQ03xxxVMA15
Phone 1-888-567-9596
Doc.# 005-2NV3xxE Rev. E
6/24/04
Page 7
Performance Curves
3.0 - 3.6Vin 15A
Non-Isolated
Non-Isolated
SIP Converter
SIP Converter
65
70
75
80
85
90
95
100
01
23
456
78
9
10 11 12 13 14 15
Load Current (A)
2.5 Vo
1.8 Vo
1.5 Vo
1.2 Vo
0.9 Vo
Figure 1: Efficiency at nominal output voltage vs. load current for all
modules at 25°C and nominal input voltage.
86
87
88
89
90
91
92
93
94
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Figure 2: Efficiency at 1.5Vout and 60% rated power vs. airflow rate
for ambient air temperatures of 25°C, 40°C, and 55°C (nominal input
voltage).
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
0
1
2
3
4
5
6
7
8
9
10 11
12
13 14
15
Load Current (A)
2.5 Vo
1.8 Vo
1.5 Vo
1.2 Vo
0.9 Vo
Figure 3: Power dissipation at nominal output voltage vs. load current
for all modules at 25°C and nominal input voltage.
0.0
0.5
1.0
1.5
2.0
2.5
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Figure 4: Power dissipation at 1.5Vout and 60% rated power vs. air-
flow rate for ambient air temperatures of 25°C, 40°C, and 55°C (nomi-
nal input voltage).
0
2
4
6
8
10
12
14
16
0
2540
5570
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
50 LFM (0.25 m/s)
Figure 5: Maximum output power derating curves vs. ambient air tem-
perature for 0.9Vout unit. Airflow rates of 50 LFM - 400 LFM with air
flowing across the converter from pin 11 to pin 1 (Vin nom, vert mount).
Figure 6: Thermal plot of 0.9V converter at 15 amp load current with
55°C air flowing at the rate of 200 LFM. Air is flowing across the con-
verter sideways from pin 11 to pin 1 (Vin nom, vert mount).
Semiconductor junction temperature is
within 1
°C of surface temperature


Similar Part No. - NQ03009HMA15NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04009HMA15NRN SYNQOR-NQ04009HMA15NRN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15NRS SYNQOR-NQ04009HMA15NRS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15NVN SYNQOR-NQ04009HMA15NVN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15NVS SYNQOR-NQ04009HMA15NVS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04009HMA15ORN SYNQOR-NQ04009HMA15ORN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
More results

Similar Description - NQ03009HMA15NRS

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NCA015 MURATA-PS-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Astec America, Inc
APA18T04 ASTEC-APA18T04_05 Datasheet
707Kb / 17P
   3.0-5.5Vin, 18A, Non-isolated DC - DC SIP Converter
APA18T12 ASTEC-APA18T12 Datasheet
322Kb / 17P
   12Vin, 75Watts, Non-isolated DC - DC POL SIP Converter
logo
Artesyn Technologies
SIL15 ARTESYN-SIL15 Datasheet
194Kb / 3P
   15A Non-Isolated DC/DC Converters
logo
Murata Power Solutions ...
NFA010 MURATA-PS-NFA010 Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
logo
Murata Manufacturing Co...
NEA-NEF010 MURATA-NEA-NEF010 Datasheet
795Kb / 18P
   Non-Isolated 10A SIP DC/DC Converters
logo
Emerson Network Power
SIL15 EMERSON-NETWORKPOWER-SIL15 Datasheet
114Kb / 3P
   DC/DC CONVERTERS 15A Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com