Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQME-28-P-X-B Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # MQME-28-P-X-B
Description  HIIGH RELLIIABIILLIITTY EMI FIILLTTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-28-P-X-B Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button MQME-28-P-X-B Datasheet HTML 2Page - SynQor Worldwide Headquarters MQME-28-P-X-B Datasheet HTML 3Page - SynQor Worldwide Headquarters MQME-28-P-X-B Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-28-P-X-B Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-28-P-X-B Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-28-P-X-B Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-28-P-X-B Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-28-P-X-B Datasheet HTML 9Page - SynQor Worldwide Headquarters MQME-28-P-X-B Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Product # MQME-28-P
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ME028P Rev. A
5/1/08
Page 6
Current:
Current: 20 A
20 A
MQME-28-P
MQME-28-P
T
T
T
Te
e
e
ec
c
c
ch
h
h
hn
n
n
niiiic
c
c
ca
a
a
allll S
S
S
Sp
p
p
pe
e
e
ec
c
c
ciiiiffffiiiic
c
c
ca
a
a
attttiiiio
o
o
on
n
n
n
BASIC OPERATION AND FEATURES
The MQME-28-P is a multi-stage differential-mode and common-
mode passive EMI filter designed to interface a power source
with one or more SynQor DC/DC converters (or other loads that
create EMI). Each stage of this filter is well damped to avoid res-
onances and oscillations, and only X7R multi-layer ceramic
capacitors are used. Figure 1 shows the typical differential and
common-mode attenuation provided by this filter when the source
impedance is 50W to chassis ground on each input line.
The MQME-28-P EMI filter includes a large bulk capacitor (also
X7R) with a series damping resistor to correct for the unstabiliz-
ing effect of a converter’s negative input resistance. A white
paper discussing this negative input resistance and the need for
corrective damping can be found on the SynQor website (see
Input System Instability application note). Figure 2 shows the
magnitude of the filter’s output impedance when the filter input is
connected to a stiff voltage source.
The input voltage surge and spike compliance matrix shown on
Page 8 displays the worst case requirements listed in various 28V
Military (Vehicle and Aircraft) and Civil Aircraft standards. The
MQME-28-P EMI filter is designed to handle all of the short dura-
tion voltage spike requirements of these standards (with certain
assumptions regarding DEF-STAN 61-5). Some of the long dura-
tion voltage surge requirements remain within the 50V maximum
transient rating of a SynQor MQFL-28 DC/DC converter. The oth-
ers require the transient suppression circuitry of an MQME-28-T
EMI filter to protect the converter from an over-voltage condition.
If MQFL-28E or MQFL-28VE converters are used, voltage surges
as high as 80V can be tolerated without the need for this tran-
sient suppression circuitry.
When used with SynQor’s DC/DC converters, the MQME-28-P
EMI filter is designed to pass all of the relevant MIL-STD-
461C/D/E requirements to their most stringent limits. The MIL-
STD-461 Compliance Matrix Table on Page 7 lists these require-
ments and describes the setup used to pass them. Figures 3 - 6
show results from selected conductive and radiated emissions
tests.
The filter is also designed to pass the waveform types and appli-
cations specified in RTCA/DO-160E Section 22 (Lightning
Induced
Transient
Susceptibility)
to
Level
4
(some
waveforms/applications require the MQME-28-T filter and/or
external transient suppression circuitry).
The Section 22
Compliance Matrix Table on Page 9 lists these waveforms and
applications and describes the setup used to pass them.
A typical application would place the MQME filter close to the
input of the DC/DC converter, with the cases of the filter and the
converter connected together through a ground plane.
Both
cases are electrically conductive, so connection to the cases can
be made with the fasteners used to secure the device.
Do not connect the outputs of multiple MQME-28-P filters in par-
allel. Connecting filters in this manner may result in slightly
unequal currents to flow in the positive and return paths of each
filter. These unequal currents may cause the internal common-
mode chokes to saturate and thus cause degraded common-mode
rejection performance.


Similar Part No. - MQME-28-P-X-B

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-28-T SYNQOR-MQME-28-T Datasheet
6Mb / 17P
   Soft-Start circuitry to limit in-rush charging currents
More results

Similar Description - MQME-28-P-X-B

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-28-06S SYNQOR-MQFL-28-06S Datasheet
654Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-28S SYNQOR-MQFL-28-28S Datasheet
643Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-3R3S SYNQOR-MQFL-28-3R3S Datasheet
671Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-7R5S SYNQOR-MQFL-28-7R5S Datasheet
651Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-12D SYNQOR-MQFL-28-12D Datasheet
714Kb / 18P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-15D SYNQOR-MQFL-28-15D Datasheet
717Kb / 18P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-12S SYNQOR-MQFL-28-12S Datasheet
652Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-05S SYNQOR-MQFL-28-05S Datasheet
661Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-09S SYNQOR-MQFL-28-09S Datasheet
655Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQFL-28-15S SYNQOR-MQFL-28-15S Datasheet
642Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com