Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQHL-28-05S Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # MQHL-28-05S
Description  HIGH RELIABILITY DC-DC CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQHL-28-05S Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button MQHL-28-05S Datasheet HTML 2Page - SynQor Worldwide Headquarters MQHL-28-05S Datasheet HTML 3Page - SynQor Worldwide Headquarters MQHL-28-05S Datasheet HTML 4Page - SynQor Worldwide Headquarters MQHL-28-05S Datasheet HTML 5Page - SynQor Worldwide Headquarters MQHL-28-05S Datasheet HTML 6Page - SynQor Worldwide Headquarters MQHL-28-05S Datasheet HTML 7Page - SynQor Worldwide Headquarters MQHL-28-05S Datasheet HTML 8Page - SynQor Worldwide Headquarters MQHL-28-05S Datasheet HTML 9Page - SynQor Worldwide Headquarters MQHL-28-05S Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Product # MQHL-28-05S
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2MQHLS Rev. 1
05/27/09
Page 6
Output:
Current:
5 V
10 A
MQHL-28-05S
Technical Specification
Figure 7: Turn-on transient at full resistive load and zero output
capacitance initiated by ENA1. Input voltage pre-applied.
Ch 1: Vout (1V/div). Ch 2: ENA1 (5V/div).
Figure 8: Turn-on 10 A resistive and 5 mF output capacitance initiated
by ENA1. Input voltage pre-applied. Ch 1: Vout (1V/div).
Ch 2: ENA1 (5V/div).
Figure 9: Turn-on transient at full resistive load and zero output
capacitance initiated by Vin. ENA1 previously high.
Ch 1: Vout (1V/div). Ch 2: Vin (10V/div).
Figure 10: Output voltage response to step-change in load current 50%-
100%-50% of Iout (max). Load cap: 1 µF ceramic cap and 10 µF,
100 m
W ESR tantalum cap. Ch 1: Vout (200mV/div). Ch 2: Iout (5A/div).
Figure 12: Output voltage response to step-change in input voltage
(16 V - 50 V - 16 V) in 250 µS. Ch 1: Vout (100mV/div). Ch 2: Vin (20V/div).
Figure 11: Output voltage response to step-change in load current
0%-50%-0% of Iout (max). Load cap: 1µF ceramic cap and 10µF, 100 m
W
ESR tantalum cap. Ch 1: Vout (200mV/div). Ch 2: Iout (5A/div).


Similar Part No. - MQHL-28-05S

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQHL-28-12S SYNQOR-MQHL-28-12S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-12S-Y-ES SYNQOR-MQHL-28-12S-Y-ES Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-3R3S SYNQOR-MQHL-28-3R3S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-3R3S-Y-ES SYNQOR-MQHL-28-3R3S-Y-ES Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-7R5S SYNQOR-MQHL-28-7R5S Datasheet
1Mb / 14P
   HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - MQHL-28-05S

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-270-06S SYNQOR-MQFL-270-06S Datasheet
1Mb / 16P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-270-15S SYNQOR-MQFL-270-15S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-3R3S SYNQOR-MQFL-28V-3R3S Datasheet
850Kb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-06S SYNQOR-MQFL-28V-06S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-3R3S SYNQOR-MQFL-28VE-3R3S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-05S SYNQOR-MQFL-28VE-05S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-09S SYNQOR-MQFL-28VE-09S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-12S SYNQOR-MQFL-28VE-12S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R5S SYNQOR-MQFL-28-1R5S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R8S SYNQOR-MQFL-28-1R8S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com