Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQFL-28V-15S Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # MQFL-28V-15S
Description  HIGH RELIABILITY DC-DC CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQFL-28V-15S Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button MQFL-28V-15S Datasheet HTML 6Page - SynQor Worldwide Headquarters MQFL-28V-15S Datasheet HTML 7Page - SynQor Worldwide Headquarters MQFL-28V-15S Datasheet HTML 8Page - SynQor Worldwide Headquarters MQFL-28V-15S Datasheet HTML 9Page - SynQor Worldwide Headquarters MQFL-28V-15S Datasheet HTML 10Page - SynQor Worldwide Headquarters MQFL-28V-15S Datasheet HTML 11Page - SynQor Worldwide Headquarters MQFL-28V-15S Datasheet HTML 12Page - SynQor Worldwide Headquarters MQFL-28V-15S Datasheet HTML 13Page - SynQor Worldwide Headquarters MQFL-28V-15S Datasheet HTML 14Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Product # MQFL-28V-15S
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005183 Rev. 1
04/16/09
Page 10
Output:
Current:
15V
6.5A
MQFL-28V-15S
Technical Specification
BASIC OPERATION AND FEATURES
The MQFL DC/DC converter uses a two-stage power conversion
topology. The first, or regulation, stage is a buck-converter that
keeps the output voltage constant over variations in line, load,
and temperature. The second, or isolation, stage uses transformers
to provide the functions of input/output isolation and voltage
transformation to achieve the output voltage required.
In the MQFL-28V series of converters the regulation stage is
preceeded by a boost-converter that permits these converters
to operate through various Military and Aircraft under-voltage
transients. Further discussion of this feature can be found later in
these notes.
Both the regulation and the isolation stages switch at a fixed
frequency for predictable EMI performance. The isolation stage
switches at one half the frequency of the regulation stage, but due
to the push-pull nature of this stage it creates a ripple at double its
switching frequency. As a result, both the input and the output of
the converter have a fundamental ripple frequency of about 550
kHz in the free-running mode.
Rectification of the isolation stage’s output is accomplished with
synchronous rectifiers. These devices, which are MOSFETs with a
very low resistance, dissipate far less energy than would Schottky
diodes. This is the primary reason why the MQFL converters have
such high efficiency, particularly at low output voltages.
Besides improving efficiency, the synchronous rectifiers permit
operation down to zero load current. There is no longer a need
for a minimum load, as is typical for converters that use diodes
for rectification. The synchronous rectifiers actually permit a
negative load current to flow back into the converter’s output
terminals if the load is a source of short or long term energy. The
MQFL converters employ a “back-drive current limit” to keep this
negative output terminal current small.
There is a control circuit on both the input and output sides of the
MQFL converter that determines the conduction state of the power
switches. These circuits communicate with each other across the
isolation barrier through a magnetically coupled device. No opto-
isolators are used.
A separate bias supply provides power to both the input and
output control circuits. Among other things, this bias supply
permits the converter to operate indefinitely into a short circuit and
to avoid a hiccup mode, even under a tough start-up condition.
An input under-voltage lockout feature with hysteresis is provided,
as well as an input over-voltage shutdown. There is also
an output current limit that is nearly constant as the load
impedance decreases to a short circuit (i.e., there is not fold-
back or fold-forward characteristic to the output current under this
condition). When a load fault is removed, the output voltage rises
exponentially to its nominal value without an overshoot.
The MQFL converter’s control circuit does not implement an output
over-voltage limit or an over-temperature shutdown.
The following sections describe the use and operation of additional
control features provided by the MQFL converter.
UNDER-VOLTAGE TRANSIENTS
The MQFL-28V series of DC/DC converters incorporate a special
“boost-converter” stage that permits the converters to deliver full
power through transients where its input voltage falls to as low as
5.5V. Normally, the boost-converter is non-operational, and the
converter’s input voltage is passed directly to its pre-regulation
stage (see the Block Diagram). When an under-voltage transient
occurs, the boost-converter becomes operational, and it steps-up
the input voltage to a value greater than 16V so that the nominal
output voltage can be sustained.
It is important to note that the boost-converter stage must first
become “armed” before it can become operational. This “arming”
occurs when the converter’s input voltage exceeds approximately
18V. The boost-converter then becomes operational whenever the
input voltage drops below the arming voltage, and it will remain
operational as long as the input voltage remains within the region
shown in the Under-Voltage Transient Profile. If the input voltage
drops below this transient profile, the boost-converter stage is not
guaranteed to continue operating (it may, but it will protect itself
from excessive stresses). Once the boost-converter stops operating,
the converter’s input voltage will be reconnected directly to the
input of the pre-regulator stage. The output voltage will therefore
collapse unless the input voltage is 16V, or greater.
Note: the boost-converter will not become re-armed for the
next transient unless the input voltage once again exceeds
approximately 18V.
The transient profile shown in the Under-Voltage Transient Profile
is designed to comply (with appropriate margins) with all initial-
engagement surges, starting or cranking voltage transients, and
under-voltage surges specified in:
• MIL-STD-704-8 (A through F)
• RTCA/DO-160E
• MIL-STD-1275B
• DEF-STAN 61-5 (Part 6)/5 (operational portions)
Any input voltage transient that fits within the Under-Voltage
Transient Profile can be repeated after a delay that is at least four
times longer than the duration of the previous transient.
During the time when the boost-converter stage is operational, the
converter’s efficiency is reduced and the input ripple current is
increased. The lower the input voltage, the more these parameters
are affected.


Similar Part No. - MQFL-28V-15S

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-28V-15S-Y-ES SYNQOR-MQFL-28V-15S-Y-ES Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - MQFL-28V-15S

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-270-06S SYNQOR-MQFL-270-06S Datasheet
1Mb / 16P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-270-15S SYNQOR-MQFL-270-15S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-05S SYNQOR-MQHL-28-05S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-3R3S SYNQOR-MQFL-28V-3R3S Datasheet
850Kb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-06S SYNQOR-MQFL-28V-06S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-3R3S SYNQOR-MQFL-28VE-3R3S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-05S SYNQOR-MQFL-28VE-05S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-09S SYNQOR-MQFL-28VE-09S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-12S SYNQOR-MQFL-28VE-12S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R5S SYNQOR-MQFL-28-1R5S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R8S SYNQOR-MQFL-28-1R8S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com