Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQFL-28V-15S Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # MQFL-28V-15S
Description  HIGH RELIABILITY DC-DC CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQFL-28V-15S Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  MQFL-28V-15S Datasheet HTML 1Page - SynQor Worldwide Headquarters MQFL-28V-15S Datasheet HTML 2Page - SynQor Worldwide Headquarters MQFL-28V-15S Datasheet HTML 3Page - SynQor Worldwide Headquarters MQFL-28V-15S Datasheet HTML 4Page - SynQor Worldwide Headquarters MQFL-28V-15S Datasheet HTML 5Page - SynQor Worldwide Headquarters MQFL-28V-15S Datasheet HTML 6Page - SynQor Worldwide Headquarters MQFL-28V-15S Datasheet HTML 7Page - SynQor Worldwide Headquarters MQFL-28V-15S Datasheet HTML 8Page - SynQor Worldwide Headquarters MQFL-28V-15S Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Product # MQFL-28V-15S
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005183 Rev. 1
04/16/09
Page 5
Output:
Current:
15V
6.5A
MQFL-28V-15S
Technical Specification
Under-Voltage Transient Profile
Under-Voltage Transient Profile showing when the boost-converter is guaranteed to be operational. The
boost-converter must first be armed by having VIN > VARM. A new under-voltage transient can occur after a
delay equal to four times the duration of the previous transient if the boost-converter is rearmed.
Note:
This Under-Voltage Transient Profile is designed to comply (with appropiate margins) with all initial-
engagement surges, starting or cranking voltage transients and under-voltage surges specified in:
• MIL-STD-704-8 (A through F)
• RTCA/DO-160E
• MIL-STD-1275B
• DEF-STAN 61-5 (part 6)/5 (operational portions)
Boost-Converter Operational Area
Boost-Converter is armed
when Vin exceeds this value
dV ≤ 0.1V
dt
µs


Similar Part No. - MQFL-28V-15S

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-28V-15S-Y-ES SYNQOR-MQFL-28V-15S-Y-ES Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - MQFL-28V-15S

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-270-06S SYNQOR-MQFL-270-06S Datasheet
1Mb / 16P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-270-15S SYNQOR-MQFL-270-15S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-05S SYNQOR-MQHL-28-05S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-3R3S SYNQOR-MQFL-28V-3R3S Datasheet
850Kb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-06S SYNQOR-MQFL-28V-06S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-3R3S SYNQOR-MQFL-28VE-3R3S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-05S SYNQOR-MQFL-28VE-05S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-09S SYNQOR-MQFL-28VE-09S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-12S SYNQOR-MQFL-28VE-12S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R5S SYNQOR-MQFL-28-1R5S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R8S SYNQOR-MQFL-28-1R8S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com