Electronic Components Datasheet Search |
|
UTMSE0620 Datasheet(PDF) 1 Page - OPLINK Communications Inc. |
|
UTMSE0620 Datasheet(HTML) 1 Page - OPLINK Communications Inc. |
1 / 2 page Product Description Features Functional Diagram Parameters Specification Unit Operating Wavelength Range 1260~1360 1510~1610 mm Through Insertion Loss (@ λ Op, TOp, All SOP, exclude connector) 2% 5% 10% ≤ 0.5 ≤ 0.7 ≤ 1.0 dB Polarization Dependent Loss ≤ 0.1 dB Return loss (exclude connector) ≥ 45 dB Tapped Monitoring Responsivity (relative to nominal power at input port) 2% 5% 10% 10~23 26~59 52~110 14~25 35~65 70~120 mA/W Responsivity Polarization Dependence ≤ 0.15 dB Directivity [1] P1 Package ≥ 25 dB P2 Package ≥ 33 dB PD PD Dark Current (@ 70°C, -5V bias) ≤ 5 nA Bandwidth (50 ohm, 5V, -3dB) ≥ 1 GHz Reverse Voltage ≤ 20 V Forward Current ≤ 5 mA Conditions Input Optical Power 2% 5% 10% ≤ 21 ≤ 16 ≤ 12 dBm Operating Temperature Range (<85%RH, Non-condensing) 0 to +70 °C Storage Temperature Range (<85%RH, Non-condensing) -40 to +85 °C Fiber Type SMF-28 Applications Performance Specification ns Input Output PD Notes:1.Directivity is defined as -10 log(ℜ Out→PD / ℜIn→PD) where ℜ stands for responsivity. R03.20080826 Unidirectional Single Channel Integrated Tap Monitors UTMS Series Oplink’s Single Channel Unidirectional Integrated Tap Monitor (UTMS) is a hybrid component that integrates a flat spectral response of a thin-film tap with a high sensitivity PIN photodiode for power monitoring applications. The Unidirectional feature allows power monitoring from input port only. UTMS minimizes component assembly costs and module footprint while increasing module design efficiency by facilitating fiber management. The UTMS integrates the functionality of an optical coupler and a photodiode while delivering low insertion loss and low dark current with high temperature stability over a wide wavelength range. It is compact and easy to mount on a PCB board for module and network system use.Applications include DWDM channel power monitoring, optical network switching/protection monitoring, re- configurable optical add/drop multiplexers, and gain/attenuation monitoring in amplifier systems. Oplink can provide customized designs to meet specialized feature applications.Also, Oplink offers modular assemblies that integrate other components to form a full function module or subsys- tem. 2-/3-pin Package Easily Mounted on a PCB Flat and Broad Operating Wavelength Range Low Insertion Loss and PDL Low Dark Current Various Tap Ratios Available High Temperature Stability with Hermetically Sealed Photodiode Monitor Optical Signal from One Direction Only EDFAs and Raman Amplifiers Add/Drop and Optical Protection Monitoring DWDM/CWDM Systems |
Similar Part No. - UTMSE0620 |
|
Similar Description - UTMSE0620 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |