Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5615IP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5615IP
Description  10-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5615IP Datasheet(HTML) 4 Page - Texas Instruments

  TLC5615IP Datasheet HTML 1Page - Texas Instruments TLC5615IP Datasheet HTML 2Page - Texas Instruments TLC5615IP Datasheet HTML 3Page - Texas Instruments TLC5615IP Datasheet HTML 4Page - Texas Instruments TLC5615IP Datasheet HTML 5Page - Texas Instruments TLC5615IP Datasheet HTML 6Page - Texas Instruments TLC5615IP Datasheet HTML 7Page - Texas Instruments TLC5615IP Datasheet HTML 8Page - Texas Instruments TLC5615IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TLC5615C, TLC5615I
10-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS142C – OCTOBER 1996 – REVISED MARCH 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VDD = 5 V ± 5%,
Vref = 2.048 V (unless otherwise noted) (continued)
reference input (REFIN)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage
0
VDD–2
V
ri
Input resistance
10
M
Ci
Input capacitance
5
pF
digital inputs (DIN, SCLK, CS)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level digital input voltage
2.4
V
VIL
Low-level digital input voltage
0.8
V
IIH
High-level digital input current
VI = VDD
±1
µA
IIL
Low-level digital input current
VI = 0
±1
µA
Ci
Input capacitance
8
pF
digital output (DOUT)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
Output voltage, high-level
IO = –2 mA
VDD–1
V
VOL
Output voltage, low-level
IO = 2 mA
0.4
V
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Supply voltage
4.5
5
5.5
V
IDD
Power supply current
VDD = 5.5 V,
No load,
All inputs = 0 V or VDD
Vref = 0
150
250
µA
IDD
Power supply current
VDD = 5.5 V,
No load,
All inputs = 0 V or VDD
Vref = 2.048 V
230
350
µA
analog output dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Signal-to-noise + distortion, S/(N+D)
Vref = 1 Vpp at 1 kHz + 2.048 Vdc,
code = 11 1111 1111,
See Note 9
60
dB
NOTE 9: The limiting frequency value at 1 Vpp is determined by the output-amplifier slew rate.


Similar Part No. - TLC5615IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5615IP TI-TLC5615IP Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615IPE4 TI-TLC5615IPE4 Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC5615IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_07 Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Microchip Technology
MCP300X MICROCHIP-MCP300X Datasheet
450Kb / 2P
   MCP300X 10-Bit Analog-to-Digital Converters
2001
logo
Texas Instruments
TLC5617 TI1-TLC5617_05 Datasheet
313Kb / 21P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617 TI-TLC5617 Datasheet
283Kb / 20P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com