Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRC1G1JC5C000F6G Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # TRC1G1JC5C000F6G
Description  Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRC1G1JC5C000F6G Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  TRC1G1JC5C000F6G Datasheet HTML 1Page - OPLINK Communications Inc. TRC1G1JC5C000F6G Datasheet HTML 2Page - OPLINK Communications Inc. TRC1G1JC5C000F6G Datasheet HTML 3Page - OPLINK Communications Inc. TRC1G1JC5C000F6G Datasheet HTML 4Page - OPLINK Communications Inc. TRC1G1JC5C000F6G Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Commu-
nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2008, Oplink Communications, Inc.
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s Sales and Marketing
for your requirements and ordering information (510) 933-7200 or Sales@oplink.com.
41.8±0.15
1.645±.006
45±0.20
1.772±.008
15.67
.62
1.27
.05 MAX
1
.04 MAX
13.56
.53
54.6
2.15
9.55
.38
47.50
1.87 REF
1.8
.07
1
.04
8.51
.34
8.9
.35
FRONT EDGE OF
TRANSCEIVER CAGE
6.25±0.051
.25±.002
13.9±0.1
.546±.004
Ordering Information
Package Outline
TRXAG1ZXM CWDM
RevB-PN.2009.06.25
5
Dimensions in inches [mm]
Default tolerances:
.xxx = ± .005”, .xx = ± .01”
Model Name
Latch
Color
Nominal
Wave-
length
(nm)
Optical
Link
Power
Budget
Distance
1
Oplink Order
Number
For Reference
(OCP order number)
Oplink Order
Number
For Reference
(OCP order number)
- 5°C to +70°C
- 5°C to +85°C
TRC1G1JC1C000F6G
TRXAG1ZXIBAM1
TRC1G1JC1E000F6G
TRXAG1ZXIEAM1
Gray
1471
24dB
70km
TRC1G1JC2C000F6G
TRXAG1ZXIBVM2
TRC1G1JC2E000F6G
TRXAG1ZXIEVM2
Violet
1491
24dB
70km
TRC1G1JC3C000F6G
TRXAG1ZXIBBM3
TRC1G1JC3E000F6G
TRXAG1ZXIEBM3
Blue
1511
24dB
70km
TRC1G1JC4C000F6G
TRXAG1ZXIBGM4
TRC1G1JC4E000F6G
TRXAG1ZXIEGM4
Green
1531
24dB
70km
TRC1G1JC5C000F6G
TRXAG1ZXIBYM5
TRC1G1JC5E000F6G
TRXAG1ZXIEYM5
Yellow
1551
24dB
70km
TRC1G1JC6C000F6G
TRXAG1ZXIBOM6
TRC1G1JC6E000F6G
TRXAG1ZXIEOM6
Orange
1571
24dB
70km
TRC1G1JC7C000F6G
TRXAG1ZXIBRM7
TRC1G1JC7E000F6G
TRXAG1ZXIERM7
Red
1591
24dB
70km
TRC1G1JC8C000F6G
TRXAG1ZXIBNM8
TRC1G1JC8E000F6G
TRXAG1ZXIENM8
Brown
1611
24dB
70km
1
The indicated transmission distance is for guidelines only, not guaranteed. It assumes a total connector/splice/CWDM mux and demux loss of
4.5dB, allocated system penalty of 2dB and fiber loss of 0.25dB/km. Longer distances can be supported if the optical link power budget is satisfied..


Similar Part No. - TRC1G1JC5C000F6G

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TRC1-1-122-75 MINI-TRC1-1-122-75 Datasheet
256Kb / 2P
   RF Transformer
TRC1-1-122-75++ MINI-TRC1-1-122-75+ Datasheet
256Kb / 2P
   RF Transformer
logo
RCD COMPONENTS INC.
TRC10-103 RCD-TRC10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRC10-104 RCD-TRC10-104 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRC10-105 RCD-TRC10-105 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
More results

Similar Description - TRC1G1JC5C000F6G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAG1YXHAAM1 OPLINK-TRPAG1YXHAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPCG1CLXC000E2G OPLINK-TRPCG1CLXC000E2G Datasheet
541Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1CLXC000E2 OPLINK-TRPEG1CLXC000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPAG1YXHBAM1 OPLINK-TRPAG1YXHBAM1 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
TRPEG1-E2 OPLINK-TRPEG1-E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
TRPUG1CLXC000E2G OPLINK-TRPUG1CLXC000E2G Datasheet
412Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers with Digital Diagnostics
TRXBG1EXNBBMH OPLINK-TRXBG1EXNBBMH Datasheet
146Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com