Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRXBG1EXNABMH Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # TRXBG1EXNABMH
Description  Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRXBG1EXNABMH Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  TRXBG1EXNABMH Datasheet HTML 1Page - OPLINK Communications Inc. TRXBG1EXNABMH Datasheet HTML 2Page - OPLINK Communications Inc. TRXBG1EXNABMH Datasheet HTML 3Page - OPLINK Communications Inc. TRXBG1EXNABMH Datasheet HTML 4Page - OPLINK Communications Inc. TRXBG1EXNABMH Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
21737-0941, Rev. D
3-13-2007
Transmitter Electrical Interface (over Operating Case Temperature, V
CC = 3.13 to 3.47V)
Receiver Electrical Interface (over Operating Case Temperature, V
CC = 3.13 to 3.47V)
Electrical Power Supply Characteristics (over Operating Case Temperature, V
CC = 3.13 to 3.47V)
TRXBG1EXM
Module Definition
Electrical Pad Layout
Host Board Connector Pad Layout
Toward
Bezel
Toward
ASIC
Parameter
Symbol
Minimum
Typical
Maximum
Units
Output Voltage Swing (RD+ & RD-)1
VPP-DIF
0.6
-
2.0
V
Output HIGH Voltage (LOS)
2
VOH
2.0
-
VCC + 0.3
V
Output LOW Voltage (LOS)
2
VOL
0-
0.5
V
1Differential peak-to-peak voltage across external 100Ω load.
2Open collector compatible, 4.7 to 10kΩ pull-up resistor to Vcc (Host Supply Voltage).
MOD_DEF(0)
pin 6
MOD_DEF(1)
pin 5
MOD_DEF(2)
pin 4
Interpretation by Host
TTL LOW
SCL
SDA
Serial module definition protocol
TX GND
RX GND
TX Fault
TX Disable
MOD_DEF(2)
MOD_DEF(1)
MOD_DEF(0)
NO CONNECTION
LOS
RX GND
RX GND
RD- (RX DATA OUT-)
RD+ (RX DATA OUT+)
RX GND
VccRX
TX GND
TD+ (TX DATA IN+)
VccTX
TD- (TX DATA IN-)
TX GND
20
19
18
17
16
15
14
13
12
11
Top of Board
Bottom of Board
(as viewed thru top of board)
10
9
8
7
6
5
4
3
2
1
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Parameter
Symbol
Minimum
Typical
Maximum
Units
Input Voltage Swing (TD+ & TD-)1
VPP-DIF
0.5
-
2.4
V
Input HIGH Voltage (TX Disable)2
VIH
2.0
-
VCC
V
Input LOW Voltage (TX Disable)2
VIL
0-
0.8
V
Output HIGH Voltage (TX Fault)3
VOH
2.0
-
VCC + 0.3
V
Output LOW Voltage (TX Fault)3
VOL
0-
0.8
V
1Differential peak-to-peak voltage.
2There is an internal 4.7 to 10kΩ pull-up resistor to VccT.
3Open collector compatible, 4.7 to 10kΩ pull-up resistor to Vcc (Host Supply Voltage).
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage
Vcc
3.13
3.3
3.47
V
Supply Current
Icc
-175
300
mA


Similar Part No. - TRXBG1EXNABMH

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRXBG1LXDABMH OPLINK-TRXBG1LXDABMH Datasheet
126Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRXBG1LXDAVM2 OPLINK-TRXBG1LXDAVM2 Datasheet
126Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRXBG1LXDAYM5 OPLINK-TRXBG1LXDAYM5 Datasheet
126Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRXBG1LXDBBMH OPLINK-TRXBG1LXDBBMH Datasheet
126Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRXBG1LXDBVM2 OPLINK-TRXBG1LXDBVM2 Datasheet
126Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
More results

Similar Description - TRXBG1EXNABMH

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRXBG1LXDBBMH OPLINK-TRXBG1LXDBBMH Datasheet
126Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRB2G1CB1C00000 OPLINK-TRB2G1CB1C00000 Datasheet
535Kb / 5P
   Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRPUG1CLXC000E2G OPLINK-TRPUG1CLXC000E2G Datasheet
412Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers with Digital Diagnostics
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPAG1YXHBAM1 OPLINK-TRPAG1YXHBAM1 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
TRPCG1CLXC000E2G OPLINK-TRPCG1CLXC000E2G Datasheet
541Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1CLXC000E2 OPLINK-TRPEG1CLXC000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPAG1YXHAAM1 OPLINK-TRPAG1YXHAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRC1G1JC1C000F6G OPLINK-TRC1G1JC1C000F6G Datasheet
535Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com