Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRC1G1JC1C000F6G Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TRC1G1JC1C000F6G
Description  Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRC1G1JC1C000F6G Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TRC1G1JC1C000F6G Datasheet HTML 1Page - OPLINK Communications Inc. TRC1G1JC1C000F6G Datasheet HTML 2Page - OPLINK Communications Inc. TRC1G1JC1C000F6G Datasheet HTML 3Page - OPLINK Communications Inc. TRC1G1JC1C000F6G Datasheet HTML 4Page - OPLINK Communications Inc. TRC1G1JC1C000F6G Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
st
- 40
+ 85
°C
Operating Case Temperature 1
“B” option
T
op
- 5
+ 70
°C
“E” option
- 5
+ 85
Supply Voltage
V
cc
0
+ 4.5
V
Input Voltage
V
in
0
V
cc
V
Lead Terminal Finish, Reflow Profile Limits and MSL
-
-
NA
-
1
Measured on top side of SFP module at the front center vent hole of the cage.
Absolute Maximum Ratings
Multi-rate Gigabit Ethernet & Fibre Channel
SFP CWDM Transceivers with Digital Diagnostics
The TRXAG1ZXM CWDM SFP series of multi-rate fiber optic transceivers with
integrated digital diagnostics monitoring functionality provide a quick and
reliable interface for 1000BASE-LX Gigabit Ethernet and 1.062GBd Fibre Chan-
nel applications. The transceivers are designed to support data rates ranging
from 1.25Gb/s down to 125Mb/s. Diagnostics monitoring functionality (alarm
and warning features) is integrated into the design via an I2C serial interface
per the Multi-Source Agreement (MSA) SFF-8472, Rev. 9.4.
There are eight center wavelengths available: 1471nm, 1491nm, 1511nm,
1531nm, 1551nm, 1571nm, 1591nm and 1611nm. The transceivers use a high
power DFB laser to provide a minimum optical link power budget of 24dB,
which corresponds to a transmission distance of 70km (assuming a total con-
nector/splice/CWDM mux and demux loss of 4.5dB, allocated system penalty
of 2dB and fiber loss of 0.25dB/km). All modules satisfy Class I Laser Safety
requirements in accordance with the U.S. FDA/CDRH and international IEC-
60825 standards.
The TRXAG1ZXM CWDM transceivers connect to standard 20-pad SFP con-
nectors for hot plug capability. This allows the system designer to make con-
figuration changes or maintenance by simply plugging in different types of
transceivers without removing the power supply from the host system.
The transceivers have colored bail-type latches, which offer an easy and
convenient way to release the modules. The latch is compliant with the SFP
MSA.
The transmitter and receiver DATA interfaces are ACcoupled internally. LV-TTL
Transmitter Disable control input and Loss of Signal output interfaces are also
provided.
The transceivers operate from a single +3.3V power supply over an operating
case temperature range of -5°C to +70°C (“B” option) or -5°C to +85°C (“E” op-
tion). The housing is made of metal for EMI immunity.
Product Description
Lead Free Design & Fully RoHS Compliant
Eight (8) Wavelength CWDM Transceivers
Compatible with SFP MSA
Compatible with IEEE 802.3z Gigabit Ethernet
1000BASE-LX PMD Specifications
Compatible with 1.062GBd Fibre Channel
100-SM-LC-L FC-PI Standards
Digital Diagnostics through Serial Interface
Internal Calibration for Digital Diagnostics
24dB Optical Link Power Budget to Support 70km
Eye Safe (Class I Laser Safety)
Duplex LC Optical Interface
Loss of Signal Output & TX Disable Input
Hot-pluggable
Single +3.3V Power Supply
Features
RevB-PN.2009.06.25
TRXAG1ZXM CWDM
An Oplink Company


Similar Part No. - TRC1G1JC1C000F6G

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TRC1-1-122-75 MINI-TRC1-1-122-75 Datasheet
256Kb / 2P
   RF Transformer
TRC1-1-122-75++ MINI-TRC1-1-122-75+ Datasheet
256Kb / 2P
   RF Transformer
logo
RCD COMPONENTS INC.
TRC10-103 RCD-TRC10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRC10-104 RCD-TRC10-104 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRC10-105 RCD-TRC10-105 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
More results

Similar Description - TRC1G1JC1C000F6G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAG1YXHAAM1 OPLINK-TRPAG1YXHAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPCG1CLXC000E2G OPLINK-TRPCG1CLXC000E2G Datasheet
541Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1CLXC000E2 OPLINK-TRPEG1CLXC000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPAG1YXHBAM1 OPLINK-TRPAG1YXHBAM1 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
TRPEG1-E2 OPLINK-TRPEG1-E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
TRPUG1CLXC000E2G OPLINK-TRPUG1CLXC000E2G Datasheet
412Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers with Digital Diagnostics
TRXBG1EXNBBMH OPLINK-TRXBG1EXNBBMH Datasheet
146Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com