Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5615ID Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5615ID
Description  10-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5615ID Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC5615ID Datasheet HTML 7Page - Texas Instruments TLC5615ID Datasheet HTML 8Page - Texas Instruments TLC5615ID Datasheet HTML 9Page - Texas Instruments TLC5615ID Datasheet HTML 10Page - Texas Instruments TLC5615ID Datasheet HTML 11Page - Texas Instruments TLC5615ID Datasheet HTML 12Page - Texas Instruments TLC5615ID Datasheet HTML 13Page - Texas Instruments TLC5615ID Datasheet HTML 14Page - Texas Instruments TLC5615ID Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TLC5615C, TLC5615I
10-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS142C – OCTOBER 1996 – REVISED MARCH 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
buffer amplifier
The output buffer has a rail-to-rail output with short circuit protection and can drive a 2-k
Ω load with a 100-pF
load capacitance. Settling time is 12.5
µs typical to within 0.5 LSB of final value.
external reference
The reference voltage input is buffered, which makes the DAC input resistance not code dependent. Therefore,
the REFIN input resistance is 10 M
Ω and the REFIN input capacitance is typically 5 pF independent of input
code. The reference voltage determines the DAC full-scale output.
logic interface
The logic inputs function with either TTL or CMOS logic levels. However, using rail-to-rail CMOS logic achieves
the lowest power dissipation. The power requirement increases by approximately 2 times when using TTL logic
levels.
serial clock and update rate
Figure 1 shows the TLC5615 timing. The maximum serial clock rate is:
f
(SCLK)max +
1
t
w CH )
t
w CL
or approximately 14 MHz. The digital update rate is limited by the chip-select period, which is:
tp(CS) + 16
t
w CH )
t
w CL
) t
w CS
and is equal to 820 ns which is a 1.21 MHz update rate. However, the DAC settling time to 10 bits of 12.5
µs
limits the update rate to 80 kHz for full-scale input step transitions.


Similar Part No. - TLC5615ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5615ID TI-TLC5615ID Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615IDG4 TI-TLC5615IDG4 Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615IDGK TI-TLC5615IDGK Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615IDGKG4 TI-TLC5615IDGKG4 Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615IDGKR TI-TLC5615IDGKR Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC5615ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_07 Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Microchip Technology
MCP300X MICROCHIP-MCP300X Datasheet
450Kb / 2P
   MCP300X 10-Bit Analog-to-Digital Converters
2001
logo
Texas Instruments
TLC5617 TI1-TLC5617_05 Datasheet
313Kb / 21P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617 TI-TLC5617 Datasheet
283Kb / 20P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com