Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPE48KE2E00010 Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part # TRPE48KE2E00010
Description  Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPE48KE2E00010 Datasheet(HTML) 4 Page - OPLINK Communications Inc.

  TRPE48KE2E00010 Datasheet HTML 1Page - OPLINK Communications Inc. TRPE48KE2E00010 Datasheet HTML 2Page - OPLINK Communications Inc. TRPE48KE2E00010 Datasheet HTML 3Page - OPLINK Communications Inc. TRPE48KE2E00010 Datasheet HTML 4Page - OPLINK Communications Inc. TRPE48KE2E00010 Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Oplink Communications,
I
nc.
Oplink Communications, Inc.
DATE OF MANUFACTURE:
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
Laser Safety
Laser Safety: A lltransceivers are C lass ILaserproducts perFD A /
C D RH and IEC -60825 standards.They m ustbe operated under
speci!ed operating conditions.
A pplication N otes
Electrical interface: All signal interfaces are compliant with
the SFP MSA speci cation. The high speed DATA interface is
di erential AC-coupled internally with 1 F and can be directly
connected to a 3.3V SERDES IC. All low speed control and sense
output signals are open collector TTL compatible and should
be pulled up with a 4.7 - 10k resistor on the host board
Loss of Signal (LOS): The Loss of Signal circuit monitors the
level of the incoming optical signal and generates a logic HIGH
when an insu cient photocurrent is produced.
TX_Fault: The output indicates LOW when the transmitter
is operating normally, and HIGH with a laser fault including
laser end-of-life. TX Fault is an open collector/drain output
that should be pulled up with a 4.7 - 10k resistor on the
host board. TX Fault in non-latching (automatically deasserts
when fault goes away).
TX_Disable: When the TX Disable pin is at logic HIGH, the
transmitter optical output is disabled (less than -45dBm).
Serial Identi cation and Monitoring: The module de nition
of SFP is indicated by the three module definition pins,
MOD_DEF(0), MOD_DEF(1) and MOD_DEF(2).
Upon power up, MOD_DEF(1:2) appear as NC (no connection),
and MOD_DEF(0) is TTL LOW. When the host system detects
this condition, it activates the serial protocol (standard
two-wire I2C serial interface) and generates the serial clock
signal (SCL). The positive edge clocks data into the EEPROM
segments of the SFP that are not write protected, and the
negative edge clocks data from the SFP.
The serial data signal (SDA) is for serial data transfer. The
host uses SDA in conjunction with SCL to mark the start and
end of serial protocol activation. The supported monitoring
functions are temperature, voltage, bias current, transmitter
power, average receiver signal, all alarms and warnings, and
software monitoring of TX Fault/LOS. The device is internally
calibrated.
The data transfer protocol and the details of the mandatory
and vendor speci c data structures are de ned in the SFP
MSA, and SFF-8472, Rev. 9.4
Power Supply and Grounding: The power supply line should
be well- ltered. All 0.1 F power supply bypass capacitors
should be as close to the transceiver module as possible.
Example ofSFP host board schematic
18
19
3
TX DATA IN+
15
1 H coi
lorf
erri
t
ebead
m
(<0.
2
seri
esresi
st
ance)
W
0.
1
TX DATA IN-
TX Di
sabl
e
16
0.
1
+
10
50 l
i
ne
W
1,9,
10,
11,
14,
17,
20
0.
1
+
10
to 50 load
W
Vcc
3.
3V
RX DATA OUT+
13
12
RX DATA OUT-
5
4
6
MOD_DEF(0)
MOD_DEF(1)
MOD_DEF(2)
LOS
to 50 load
W
8
R
2
TX Faul
t
R
R
R
Vcc
3.
3V
50 l
i
ne
W
50 l
i
ne
W
50 l
i
ne
W
R
R: 4.7 to 10k
CAP Values in
µF
TRPE48K E2 CWDM
4
TRPE48KE2
21737-0976, Rev.A
2009-02-20


Similar Part No. - TRPE48KE2E00010

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE48KE2E00010 OPLINK-TRPE48KE2E00010 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
More results

Similar Description - TRPE48KE2E00010

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPA48E2ZXLMX OPLINK-TRPA48E2ZXLMX Datasheet
475Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPA48E2IXFM OPLINK-TRPA48E2IXFM Datasheet
497Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP Transceivers with Digital Diagnostics
TRPE48KE2C000E2 OPLINK-TRPE48KE2C000E2 Datasheet
473Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP Transceivers with Digital Diagnostics
TRPA48E2IXLMX OPLINK-TRPA48E2IXLMX Datasheet
474Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPA48L2MCWDM OPLINK-TRPA48L2MCWDM Datasheet
481Kb / 5P
   Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPW48L2 OPLINK-TRPW48L2 Datasheet
451Kb / 5P
   Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP DWDM Transceivers with Digital Diagnostics
TRPA48I2MCWDM OPLINK-TRPA48I2MCWDM Datasheet
496Kb / 5P
   Multi-rate OC-48/STM-16 IR-2/S-16.2 SFP CWDM Transceivers with Digital Diagnostics
logo
Source Photonics, Inc.
SPC-48-LR-31CDA SOURCE-SPC-48-LR-31CDA Datasheet
514Kb / 7P
   OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
logo
OPLINK Communications I...
TRXA48M OPLINK-TRXA48M Datasheet
469Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
TRPA48M OPLINK-TRPA48M Datasheet
610Kb / 6P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com