Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5618CD Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC5618CD
Description  PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5618CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5618CD Datasheet HTML 3Page - Texas Instruments TLC5618CD Datasheet HTML 4Page - Texas Instruments TLC5618CD Datasheet HTML 5Page - Texas Instruments TLC5618CD Datasheet HTML 6Page - Texas Instruments TLC5618CD Datasheet HTML 7Page - Texas Instruments TLC5618CD Datasheet HTML 8Page - Texas Instruments TLC5618CD Datasheet HTML 9Page - Texas Instruments TLC5618CD Datasheet HTML 10Page - Texas Instruments TLC5618CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TLC5618, TLC5618A
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS156E – JULY 1997 – REVISED SEPTEMBER 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range, VDD = 5 V ± 5%,
Vref(REFIN) = 2.048 V (unless otherwise noted) (continued)
digital input timing requirements
MIN
NOM
MAX
UNIT
tsu(DS)
Setup time, DIN before SCLK low
5
ns
th(DH)
Hold time, DIN valid after SCLK low
5
ns
tsu(CSS)
Setup time, CS low to SCLK low
5
ns
tsu(CS1)
Setup time, SCLK
↓ to CS ↑, external end-of-write
10
ns
tsu(CS2)
Setup time, SCLK
↑ to CS ↓, start of next write cycle
5
ns
tw(CL)
Pulse duration, SCLK low
25
ns
tw(CH)
Pulse duration, SCLK high
25
ns
td(CS1)
Delay time, CLK
↑ to data disable (TLC5618A only)
5
20
ns
NOTE A: The input clock, applied at the SCLK terminal, should be inhibited high when CS is high to minimize clock feedthrough.
tsu(CSS)
tw(CL)
tw(CH)
CS
SCLK
DIN
tsu(DS)
th(DH)
D15
D14
D13
D12
D11
D0
ts
DAC A/B
OUT
≤ Final Value ±0.5 LSB
(see Note A)
Program Bits (4)
DAC Data
Bits (12)
tsu(CS1)
tsu(CS2)
Figure 1. Timing Diagram for the TLC5618


Similar Part No. - TLC5618CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5618CD TI1-TLC5618CD Datasheet
636Kb / 24P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5618CD TI1-TLC5618CD Datasheet
872Kb / 25P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5618CDR TI1-TLC5618CDR Datasheet
636Kb / 24P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5618CDR TI1-TLC5618CDR Datasheet
872Kb / 25P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC5618CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5618ACDR TI1-TLC5618ACDR Datasheet
636Kb / 24P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5618 TI1-TLC5618_16 Datasheet
872Kb / 25P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617 TI1-TLC5617_05 Datasheet
313Kb / 21P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617 TI-TLC5617 Datasheet
283Kb / 20P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800_04 Datasheet
645Kb / 20P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC7800 TI1-DAC7800_15 Datasheet
1,019Kb / 23P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
DAC7800 TI-DAC7800 Datasheet
273Kb / 17P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com