Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC555MJG Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC555MJG
Description  LinCMOSE TIMERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC555MJG Datasheet(HTML) 2 Page - Texas Instruments

  TLC555MJG Datasheet HTML 1Page - Texas Instruments TLC555MJG Datasheet HTML 2Page - Texas Instruments TLC555MJG Datasheet HTML 3Page - Texas Instruments TLC555MJG Datasheet HTML 4Page - Texas Instruments TLC555MJG Datasheet HTML 5Page - Texas Instruments TLC555MJG Datasheet HTML 6Page - Texas Instruments TLC555MJG Datasheet HTML 7Page - Texas Instruments TLC555MJG Datasheet HTML 8Page - Texas Instruments TLC555MJG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TLC555
LinCMOS TIMER
SLFS043F − SEPTEMBER 1983 − REVISED FEBRUARY 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The TLC555C is characterized for operation from 0
°C to 70°C. The TLC555I is characterized for operation from
−40
°C to 85°C. The TLC555Q is characterized for operation over the automotive temperature range of −40°C
to 125
°C. The TLC555M is characterized for operation over the full military temperature range of −55°C to
125
°C.
AVAILABLE OPTIONS†
PACKAGED DEVICES
TA
VDD
RANGE
SMALL
OUTLINE
(D)‡
SSOP
(DB)‡
CHIP CARRIER
(FK)
CERAMIC DIP
(JG)
PLASTIC DIP
(P)
TSSOP
(PW)‡
0
°C to 70°C
2 V to 15 V
TLC555CD
TLC555CDB
TLC555CP
TLC555CPW
−40
°C to 85°C
3 V to 15 V
TLC555ID
TLC555IP
−40
°C to 125°C
5 V to 15 V
TLC555QD
−55
°C to 125°C
5 V to 15 V
TLC555MD
TLC555MFK
TLC555MJG
TLC555MP
† For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.
‡ This package is available taped and reeled. Add the R suffix to device type (e.g., TLC555CDR).
FUNCTION TABLE
RESET VOLTAGE‡
TRIGGER VOLTAGE‡
THRESHOLD VOLTAGE‡
OUTPUT
DISCHARGE SWITCH
<MIN
Irrelevant
Irrelevant
L
On
>MAX
<MIN
Irrelevant
H
Off
>MAX
>MAX
>MAX
L
On
>MAX
>MAX
<MIN
As previously established
‡ For conditions shown as MIN or MAX, use the appropriate value specified under electrical characteristics.
functional block diagram
GND
RESET
CONT
VDD
1
THRES
TRIG
R
R
R
DISCH
OUT
S
R
R1
Pin numbers are for all packages except the FK package. RESET can override TRIG, which can override THRES.
5
6
2
1
7
3
4
8


Similar Part No. - TLC555MJG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC555MJG TI1-TLC555MJG Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
TLC555MJGB TI1-TLC555MJGB Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
More results

Similar Description - TLC555MJG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
[Old version datasheet]   LinCMOSE TIMERS
TLC551 TI-TLC551 Datasheet
277Kb / 16P
[Old version datasheet]   LinCMOSE TIMERS
TLC555 TI1-TLC555_16 Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
TLC556 TI1-TLC556_16 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556IDG4 TI1-TLC556IDG4 Datasheet
1,005Kb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556 TI-TLC556 Datasheet
236Kb / 18P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC552C TI-TLC552C Datasheet
134Kb / 9P
[Old version datasheet]   DUAL LINCMOSE TIMER
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
   Timers
March, 2004 ??Rev. 8
logo
Texas Instruments
TLC552 TI1-TLC552 Datasheet
473Kb / 13P
[Old version datasheet]   DUAL LINCMOSE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com