Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPAG1VXI Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # TRPAG1VXI
Description  Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPAG1VXI Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  TRPAG1VXI Datasheet HTML 1Page - OPLINK Communications Inc. TRPAG1VXI Datasheet HTML 2Page - OPLINK Communications Inc. TRPAG1VXI Datasheet HTML 3Page - OPLINK Communications Inc. TRPAG1VXI Datasheet HTML 4Page - OPLINK Communications Inc. TRPAG1VXI Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Oplink Communications, Inc.
Transmitter Performance Characteristics (Over Operating Case Temperature, V
CC = 3.13 to 3.47V)
Receiver Performance Characteristics (Over Operating Case Temperature, V
CC = 3.13 to 3.47V)
TRPAG1VXIxMS
All parameters guaranteed only at typical data rate
All parameters guaranteed only at typical data rate
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate 1
B
-
1250
-
Mb/s
Optical Output Power
P
O
0
-
+ 5.0
dBm
Center Wavelength
λ
C
1500
1550
1580
nm
Spectral Width (-20dB)
Δλ
20
-
-
1.0
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Extinction Ratio
P
hi /Plo
9
-
-
dB
Deterministic Jitter
DJ
-
-
80
ps
Total Jitter
TJ
-
-
227
ps
Dispersion Penalty 2
-
-
-
2.0
dB
Transmitter Output Eye
Compliant with Eye Mask Defined in IEEE 802.3z Standard
1
Data rate ranges from 125Mb/s to 1300Mb/s. However, some degradation may be incurred in overall performance.
2
Specified at 2400ps/nm dispersion, which corresponds to the approximate worst-case dispersion for 120km G.652 fiber respectively over the
wavelength range of 1500 to 1580nm.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate 1
B
-
1250
-
Mb/s
Minimum Input Optical Power (10-12 BER) 2
P
min
- 32.5
- 35.0
-
dBm
Maximum Input Optical Power (10-12 BER) 2
P
max
- 10.0
-
-
dBm
LOS Thresholds
Increasing Light Input
P
los+
-
-
- 32.0
dBm
Decreasing Light Input
P
los-
- 45.0
-
-
LOS Timing Delay
Increasing Light Input
t_loss_off
-
-
100
µs
Decreasing Light Input
t_loss_on
-
-
100
LOS Hysteresis
-
0.5
-
-
dB
Deterministic Jitter
DJ
-
-
170
ps
Total Jitter
TJ
-
-
266
ps
Wavelength of Operation
λ
1100
-
1600
nm
Optical Return Loss
ORL
12
-
-
dB
Electrical 3dB Upper Cutoff Frequency
-
-
-
1500
MHz
1
Data rate ranges from 125Mb/s to 1300Mb/s. However, some degradation may be incurred in overall performance.
2
Measured with 27-1 PRBS at 1250Mb/s and 1550nm wavelength.
2
RevB-NP. 2009.02.04
Laser Safety: All transceivers are Class I Laser products
per FDA/CDRH and IEC-60825 standards. They must be
operated under specified operating conditions.
Oplink Communications, Inc.
DATE OF MANUFACTURE:
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements


Similar Part No. - TRPAG1VXI

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
More results

Similar Description - TRPAG1VXI

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPEG1KVXC000E1 OPLINK-TRPEG1KVXC000E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRXAG1VXIBMS OPLINK-TRXAG1VXIBMS Datasheet
129Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
TRPEG1KVX-E1 OPLINK-TRPEG1KVX-E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers
TRP1G10V1C00000G OPLINK-TRP1G10V1C00000G Datasheet
532Kb / 5P
   Gigabit Ethernet SFP Multimode Transceivers with Digital Diagnostics
TRPUG1ESXC000E2G OPLINK-TRPUG1ESXC000E2G Datasheet
362Kb / 5P
   Gigabit Ethernet 850nm Multimode SFP Transceivers With Digital Diagnostics
TRPEG1KVX-G OPLINK-TRPEG1KVX-G Datasheet
328Kb / 6P
   Very Long Haul Multi-rate Gigabit Ethernet
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRB2G1CB1C00000 OPLINK-TRB2G1CB1C00000 Datasheet
535Kb / 5P
   Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com