Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPAG1YXHBVM2 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # TRPAG1YXHBVM2
Description  Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPAG1YXHBVM2 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  TRPAG1YXHBVM2 Datasheet HTML 1Page - OPLINK Communications Inc. TRPAG1YXHBVM2 Datasheet HTML 2Page - OPLINK Communications Inc. TRPAG1YXHBVM2 Datasheet HTML 3Page - OPLINK Communications Inc. TRPAG1YXHBVM2 Datasheet HTML 4Page - OPLINK Communications Inc. TRPAG1YXHBVM2 Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Oplink Communications, Inc.
DATE OF MANUFACTURE:
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
Oplink Communications, Inc.
Laser Safety: All transceivers are Class I Laser products per
FDA/CDRH and IEC-60825 standards. They must be oper-
ated under specified operating conditions.
Transmitter Performance Characteristics
TRPAG1M CWDM MR
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
125
-
1250
Mb/s
OpticalOutputPower1
YX
P
O
- 2.0
-
+ 3.0
dBm
ZX
0
-
+ 5.0
Center Wavelength
1471
λ
C
1464.5
1471
1477.5
nm
1491
1484.5
1491
1497.5
1511
1504.5
1511
1517.5
1531
1524.5
1531
1537.5
1551
1544.5
1551
1557.5
1571
1564.5
1571
1577.5
1591
1584.5
1591
1597.5
1611
1604.5
1611
1617.5
Spectral Width (-20dB)
Δλ20
-
-
1.0
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Extinction Ratio
Phi /Plo
9
-
-
dB
Deterministic Jitter
DJ
-
-
80
ps
Total Jitter
TJ
-
-
227
ps
Optical Rise/Fall Time (20% to 80%)
t
r ,tf
-
-
0.32
ns
Relative Intensity Noise
RIN
-
-
- 120
dB/Hz
Dispersion Penalty 2
-
-
-
1.5
dB
Transmitter Output Eye
Compliant with IEEE 802.3z & FC-PI Eye Mask
1
Measured average power coupled into single mode fiber.
2
Specified at 1360ps/nm (YX) and 1540ps/nm (ZX) dispersion, which corresponds to the approximate worst-case dispersion for 62km and
70km G.652 fiber over the wavelength range of 1464.5 to 1617.5nm.
Receiver Performance Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
125
-
1250
Mb/s
Receiver Sensitivity (10-12 BER) 1
Pmin
- 24.0
-
-
dBm
Maximum Input Optical Power (10 -12 BER) 1
Pmax
- 3.0
-
-
dBm
LOS Thresholds
Increasing Light Input
Plos+
-
-
- 24.0
dBm
Decreasing Light Input
Plos-
- 35.0
-
-
LOS Timing Delay
Increasing Light Input
t_loss_off
-
-
100
μs
Decreasing Light Input
t_loss_on
-
-
100
LOS Hysteresis
-
0.5
1.5
-
dB
Deterministic Jitter
DJ
-
-
170
ps
Total Jitter
TJ
-
-
266
ps
Wavelength of Operation
λ
1260
-
1620
nm
Optical Return Loss
ORL
12
-
-
dB
Electrical 3dB Upper Cutoff Frequency
-
-
-
1500
MHz
1
Measured with 27-1 PRBS at 125Mb/s, 1062.5Mb/s and 1250Mb/s.
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
2
RevB-P. 2009.04.01


Similar Part No. - TRPAG1YXHBVM2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAG1YXHBOM OPLINK-TRPAG1YXHBOM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
More results

Similar Description - TRPAG1YXHBVM2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAG1YXHAAM1 OPLINK-TRPAG1YXHAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRC1G1JC1C000F6G OPLINK-TRC1G1JC1C000F6G Datasheet
535Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPUG1CLXC000E2G OPLINK-TRPUG1CLXC000E2G Datasheet
412Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers with Digital Diagnostics
TRPCG1CLXC000E2G OPLINK-TRPCG1CLXC000E2G Datasheet
541Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1CLXC000E2 OPLINK-TRPEG1CLXC000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRXBG1EXNBBMH OPLINK-TRXBG1EXNBBMH Datasheet
146Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRXBG1LXDBBMH OPLINK-TRXBG1LXDBBMH Datasheet
126Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com