Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPAG1LXDBBM Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TRPAG1LXDBBM
Description  Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPAG1LXDBBM Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TRPAG1LXDBBM Datasheet HTML 1Page - OPLINK Communications Inc. TRPAG1LXDBBM Datasheet HTML 2Page - OPLINK Communications Inc. TRPAG1LXDBBM Datasheet HTML 3Page - OPLINK Communications Inc. TRPAG1LXDBBM Datasheet HTML 4Page - OPLINK Communications Inc. TRPAG1LXDBBM Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
An Oplink Company
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
st
- 40
+ 85
°C
Operating Case
Temperature 1
“B” option
T
op
- 5
+ 70
°C
“A” option
- 40
+ 85
“C” option
- 25
+ 85
Supply Voltage
V
cc
0
+ 5.0
V
Input Voltage
V
in
0
V
cc
V
1
Measured on top side of SFP module at the front center vent hole of the cage.
Absolute Maximum Ratings
Multi-rate Gigabit Ethernet & Fibre Channel
SFP Transceivers with Digital Diagnostics
TRPAG1M Single Mode
The TRPAG1M SFP series of multi-rate fiber optic transceivers with integrated
digital diagnostics monitoring functionality provide a quick and reliable in-
terface for 1000BASE-LX Gigabit Ethernet and 1.062GBd Fibre Channel ap-
plications. The transceivers are designed to support data rates ranging from
1.25Gb/s down to 125Mb/s. The diagnostic functions, alarm and warning fea-
tures as described in the Multi-Source Agreement (MSA) document, SFF-8472
(Rev. 9.3), are provided via an I2C serial interface.
Four options are offered with minimum optical link power budgets of 11, 18,
22 and 24dB to support 10km to 80km link applications. Option “LX” uses a
1310nm Fabry Perot laser and provides a minimum optical link budget of
11dB, corresponding to a minimum distance of 10km, assuming fiber loss of
0.45dB/km. Option“EX”uses a 1310nm DFB laser and provides a minimum op-
tical link budget of 18dB, corresponding to a minimum distance of 40km, as-
suming fiber loss of 0.35dB/km. Options“YX”and“ZX”use 1550nm DFB lasers
and provide a minimum optical link budgets of 22dB and 24dB respectively,
which correspond to minimum distances of 72km and 80km, assuming fiber
loss of 0.25dB/km. All modules satisfy Class I Laser Safety requirements in ac-
cordance with the U.S. FDA/CDRH and international IEC-60825 standards.
The transceivers connect to standard 20-pad SFP connectors for hot plug ca-
pability. This allows the system designer to make configuration changes or
maintenance by simply plugging in different types of transceivers without
removing the power supply from the host system.
The transceivers have colored bail-type latches, which offer an easy and
convenient way to release the modules. The latch is compliant with the SFP
MSA.
The transmitter and receiver DATA interfaces are AC-coupled internally. LV-
TTL Transmitter Disable control input and Loss of Signal output interfaces are
also provided.
The transceivers operate from a single +3.3V power supply over three op-
erating case temperature ranges of -5°C to +70°C, -40°C to +85°C, or -25°C
to +85°C (for YX and ZX). The housing is made of plastic and metal for EMI
immunity.
Product Description
Compliant with IEEE 802.3z Gigabit Ethernet
1000BASE-LX PMD Specifications
Compatible with SFP MSA
Compliant with 1.062GBd Fibre Channel 100-SM-
LC-L FC-PI Standards
Digital Diagnostics through Serial Interface
Internal Calibration for Digital Diagnostics
Distance Options to Support 10km to 80km
(Please see note on Distance in Ordering
Information)
Eye Safe (Class I Laser Safety)
Duplex LC Optical Interface
Loss of Signal Output & TX Disable Input
-40°C to +85°C Operating Temperature Option
Hot-pluggable
Single +3.3V Power Supply
Features
RevB-P.2009.05.13


Similar Part No. - TRPAG1LXDBBM

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAG1SXLAES OPLINK-TRPAG1SXLAES Datasheet
464Kb / 5P
   Gigabit Ethernet SFP Multimode Transceiver with Digital Diagnostics
TRPAG1VXI OPLINK-TRPAG1VXI Datasheet
457Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
TRPAG1YXHAAM1 OPLINK-TRPAG1YXHAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1YXHABM3 OPLINK-TRPAG1YXHABM3 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
More results

Similar Description - TRPAG1LXDBBM

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPCG1CLXC000E2G OPLINK-TRPCG1CLXC000E2G Datasheet
541Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1CLXC000E2 OPLINK-TRPEG1CLXC000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRC1G1JC1C000F6G OPLINK-TRC1G1JC1C000F6G Datasheet
535Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1YXHAAM1 OPLINK-TRPAG1YXHAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPEG1-E2 OPLINK-TRPEG1-E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
TRPUG1CLXC000E2G OPLINK-TRPUG1CLXC000E2G Datasheet
412Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers with Digital Diagnostics
TRPAG1YXHBAM1 OPLINK-TRPAG1YXHBAM1 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
TRXBG1EXNBBMH OPLINK-TRXBG1EXNBBMH Datasheet
146Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com