Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPAG1YXHBAM1 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TRPAG1YXHBAM1
Description  Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPAG1YXHBAM1 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TRPAG1YXHBAM1 Datasheet HTML 1Page - OPLINK Communications Inc. TRPAG1YXHBAM1 Datasheet HTML 2Page - OPLINK Communications Inc. TRPAG1YXHBAM1 Datasheet HTML 3Page - OPLINK Communications Inc. TRPAG1YXHBAM1 Datasheet HTML 4Page - OPLINK Communications Inc. TRPAG1YXHBAM1 Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Multi-rate Gigabit Ethernet & FibreChannel
SFP CWDM Transceivers with Digital Diagnostics
TRPAG1M CWDM MR
The TRPAG1M CWDM SFP series of multi-rate fiber optic transceivers with
integrated digital diagnostics monitoring functionality provide a quick
and reliable interface for 1000BASE-LX Gigabit Ethernet and 1.062GBd
Fibre Channel applications. The transceivers are designed to support data
rates ranging from 1.25Gb/s down to 125Mb/s. Diagnostics monitoring
functionality (alarm and warning features) is integrated into the design
via an I2C serial interface per the Multi-Source Agreement (MSA) SFF-8472,
Rev. 9.3.
There are eight center wavelengths available: 1471nm, 1491nm, 1511nm,
1531nm, 1551nm, 1571nm, 1591nm and 1611nm. Two optical link power
budget options are offered, YX (22dB minimum) and ZX (24dB minimum).
They correspond to transmission distances of 62km and 70km, respectively
(assuming a total connector/splice/ CWDM mux and demux loss of 4.5dB,
allocated system penalty of 2dB and fiber loss of 0.25dB/km). All modules
satisfy Class I Laser Safety requirements in accordanc with the U.S. FDA/
CDRH and international IEC-60825 standards.
The TRPAG1M CWDM transceivers connect to standard 20-pad SFP
connectors for hot plug capability.This allows the system designer to make
configuration changes or maintenance by simply plugging in different
types of transceivers without removing the power supply from the host
system.
The transceivers have colored bail-type latches, which offer an easy and
convenient way to release the modules. The latch is compliant with the
SFP MSA.
The transmitter and receiver DATA interfaces are ACcoupled internally. LV-
TTL Transmitter Disable control input and Loss of Signal output interfaces
are also provided.
The transceivers operate from a single +3.3V power supply over operating
case temperature range of -5°C to +70°C (“B” option) or -5°C to +85°C (“E”
option). The housing is made of plastic and metal for EMI immunity.
Eight (8) Wavelength CWDM Transceivers
Compatible with SFP MSA
Compatible with IEEE 802.3z Gigabit Ethernet
1000BASE-LX PMD Specifications
Compatible with 1.062GBd Fibre Channel
100-SM-LC-L FC-PI Standards
Digital Diagnostics through Serial Interface
Internal Calibration for Digital Diagnostics
Minimum Optical Link Power Budgets of 22dB
and 24dB to Support 62km and 70km (Please
see note on Distance in Ordering Information)
Eye Safe (Class I Laser Safety)
Duplex LC Optical Interface
Loss of Signal Output & TX Disable Input
Hot-pluggable
Features
RevB-P. 2009.04.01
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
ST
- 40
+ 85
°C
Operating Case Temperature1
“B” Option
T
OP
- 5
+ 70
°C
“E” Option
- 5
+ 85
Supply Voltage
V
CC
0
+ 4.5
V
Input Voltage
V
IN
0
V
CC
V
1
Measured on top side of SFP module at the front center vent hole of the cage.
Absolute Maximum Ratings
An Oplink Company


Similar Part No. - TRPAG1YXHBAM1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAG1YXHBOM OPLINK-TRPAG1YXHBOM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
More results

Similar Description - TRPAG1YXHBAM1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAG1YXHAAM1 OPLINK-TRPAG1YXHAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRC1G1JC1C000F6G OPLINK-TRC1G1JC1C000F6G Datasheet
535Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPUG1CLXC000E2G OPLINK-TRPUG1CLXC000E2G Datasheet
412Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers with Digital Diagnostics
TRPCG1CLXC000E2G OPLINK-TRPCG1CLXC000E2G Datasheet
541Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1CLXC000E2 OPLINK-TRPEG1CLXC000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRXBG1EXNBBMH OPLINK-TRXBG1EXNBBMH Datasheet
146Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRXBG1LXDBBMH OPLINK-TRXBG1LXDBBMH Datasheet
126Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com